Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 51Page - Renesas Technology Corp 4559 Datasheet HTML 52Page - Renesas Technology Corp 4559 Datasheet HTML 53Page - Renesas Technology Corp 4559 Datasheet HTML 54Page - Renesas Technology Corp 4559 Datasheet HTML 55Page - Renesas Technology Corp 4559 Datasheet HTML 56Page - Renesas Technology Corp 4559 Datasheet HTML 57Page - Renesas Technology Corp 4559 Datasheet HTML 58Page - Renesas Technology Corp 4559 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 55 of 146
REJ03B0188-0104
4559 Group
POWER DOWN FUNCTION
The 4559 Group has 2-type power down functions.
System enters into each power down state by executing the
following instructions.
• Clock operating mode ................. EPOF and POF instructions
• RAM back-up mode ................... EPOF and POF2 instructions
When the EPOF instruction is not executed before the POF or
POF2 instruction is executed, these instructions are equivalent to
the NOP instruction.
(1) Clock operating mode
The following functions and states are retained.
•RAM
• Reset circuit
•XCIN–XCOUT oscillation
•LCD display
•Timer 3
(2) RAM back-up mode
The following functions and states are retained.
•RAM
• Reset circuit
(3) Warm start condition
The system returns from the power down state when;
• External wakeup signal is input
• Timer 3 underflow occurs
in the power down mode.
In either case, the CPU starts executing the software from
address 0 in page 0. In this case, the P flag is “1.”
(4) Cold start condition
The CPU starts executing the software from address 0 in page 0
when;
• external “L” level is input to RESET pin,
• execute system reset instruction (SRST instruction)
• reset by watchdog timer is performed
• reset by internal power-on reset, or
• reset by the voltage drop detection circuit is performed.
In this case, the P flag is “0.”
(5) Identification of the start condition
Warm start or cold start can be identified by examining the state
of the power down flag (P) with the SNZP instruction. The warm
start condition from the clock operating mode can be identified
by examining the state of T3F flag.
Note 1. “O” represents that the function can be retained, and “
×”
represents that the function is initialized.
Registers and flags other than the above are undefined at
power down mode, and set an initial value after returning.
Note 2. The stack pointer (SP) points the level of the stack
register and is initialized to “7” at power down mode.
Note 3. The state of the timer is undefined.
Note 4. Initialize the WDF1 flag with the WRST instruction, and
then go into the power down state.
Note 5. LCD is turned off.
Note 6. When the SVDE instruction is executed, this function is
valid at power down.
Note 7. In the power down mode, C/CNTR pin outputs “L” level.
However, when the CNTR input is selected (W11,
W10=“11”), C/CNTR pin is in an input enabled state
(output = high-impedance).
Other ports retain their respective output levels.
Table 23 Functions and states retained at power down
mode
Function
Power down mode
Clock
operating
RAM
back-up
Program counter (PC), registers A, B,
carry flag (CY), stack pointer (SP)
(Note 2)
××
Contents of RAM
O
O
Interrupt control registers V1, V2
××
Interrupt control registers I1
O
O
Selected oscillation circuit
O
O
Clock control register MR, RG
O
O
Timer 1, Timer 2 functions
(Note 3)
(Note 3)
Timer 3 function
O
(Note 3)
Timer LC function
O
(Note 3)
Watchdog timer function
× (Note 4) × (Note 4)
Timer control registers PA, WA
××
Timer control registers W1, W3, W4
O
O
LCD display function
O
(Note 5)
LCD control registers L1 to L3, C1 to
C3
OO
Voltage drop detection circuit
(Note 6)
(Note 6)
Port level
(Note 7)
(Note 7)
Key-on wakeup control registers K0 to
K2
OO
Pull-up control registers PU0, PU1
O
O
Port output structure control registers
FR0 to FR2
OO
External interrupt request flags (EXF0)
××
Timer interrupt request flags (T1F, T2F)
(Note 3)
(Note 3)
Timer interrupt request flag (T3F)
O
(Note 3)
Interrupt enable flag (INTE)
××
Voltage drop detection circuit flag
(VDF)
××
Watchdog timer flags (WDF1, WDF2)
× (Note 4) × (Note 4)
Watchdog timer enable flag (WEF)
× (Note 4) × (Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com