Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 82Page - Renesas Technology Corp 4559 Datasheet HTML 83Page - Renesas Technology Corp 4559 Datasheet HTML 84Page - Renesas Technology Corp 4559 Datasheet HTML 85Page - Renesas Technology Corp 4559 Datasheet HTML 86Page - Renesas Technology Corp 4559 Datasheet HTML 87Page - Renesas Technology Corp 4559 Datasheet HTML 88Page - Renesas Technology Corp 4559 Datasheet HTML 89Page - Renesas Technology Corp 4559 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 86 of 146
REJ03B0188-0104
4559 Group
INDEX LIST OF INSTRUCTION FUNCTION (continued)
Group-
ing
Mnemonic
Function
Page
TLCA
(RLC)
← (A)
(TLC)
← (A)
115 130
SNZT1
V12 = 0 : (T1F) = 1 ?
(T1F)
← 0
V12 = 1 : SNZT1=NOP
100 130
SNZT2
V13 = 0 : (T2F) = 1 ?
(T2F)
← 0
V13 = 1 : SNZT2=NOP
100 130
SNZT3
V20 = 0 : (T3F) = 1 ?
(T3F)
← 0
V20 = 1 : SNZT3=NOP
100 130
IAP0
(A)
← (P0)
91 132
OP0A
(P0)
← (A)
93 132
IAP1
(A)
←(P1)
91 132
OP1A
(P1)
← (A)
94 132
IAP2
(A)
← (P2)
92 132
OP2A
(P2)
← (A)
94 132
IAP3
(A)
← (P3)
92 132
OP3A
(P3)
← (A)
94 132
CLD
(D)
← 1
89 132
RD
(D(Y))
← 0, (Y) = 0 to 7
96 132
SD
(D(Y))
← 1, (Y) = 0 to 7
98 132
SZD
(D(Y)) = 0 ?, (Y) = 0 to 5
102 132
RCP
(C)
← 0
96 132
SCP
(C)
← 1
98 132
TFR0A
(FR0)
← (A)
112 132
TFR1A
(FR1)
← (A)
112 132
TFR2A
(FR2)
← (A)
112 132
TFR3A
(FR3)
← (A)
113 132
TAPU0
(A)
← (PU0)
107 132
TPU0A
(PU0)
← (A)
116 132
TAPU1
(A)
← (PU1)
107 132
TPU1A
(PU1)
← (A)
116 132
TAPU2
(A)
← (PU2)
107 132
TPU2A
(PU2)
← (A)
117 132
TAPU3
(A)
← (PU3)
108 132
Group-
ing
Mnemonic
Function
Page
TPU3A
(PU3)
← (A)
117 132
TAK0
(A)
← (K0)
105 134
TK0A
(K0)
← (A)
113 134
TAK1
(A)
← (K1)
105 134
TK1A
(K1)
← (A)
113 134
TAK2
(A)
← (K2)
106 134
TK2A
(K2)
← (A)
114 134
TAK3
(A)
← (K3)
106 134
TK3A
(K3)
← (A)
114 134
TAL1
(A)
← (L1)
106 134
TL1A
(L1)
← (A)
114 134
TL2A
(L2)
← (A)
114 134
TL3A
(L3)
← (A)
115 134
TC1A
(C1)
← (A)
111 134
TC2A
(C2)
← (A)
111 134
TC3A
(C3)
← (A)
111 134
CRCK
RC oscillation selected
90 134
TAMR
(A)
← (MR)
107 134
TMRA
(MR)
← (A)
115 134
TRGA
(RG2
−RG0) ← (A2−A0)
117 134
NOP
(PC)
← (PC)+1
93 136
POF
Transition to clock operating
95 136
POF2
Transition to RAM back-up
95 136
EPOF
POF or POF2 instruction
91 136
SNZP
(P) = 1 ?
99 136
SNZVD
(VDF) = 1?
100 136
WRST
(WDF1) = 1 ?
(WDF1)
← 0
119 136
DWDT
Stop of watchdog timer func-
tion enabled
90 136
SRST
System reset
101 136
RUPT
(UPTF)
←0
97 136
SUPT
(UPTF)
←1
101 136
SVDE
At power down mode, volt-
age drop detection circuit
valid
101 136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com