Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 67Page - Renesas Technology Corp 4559 Datasheet HTML 68Page - Renesas Technology Corp 4559 Datasheet HTML 69Page - Renesas Technology Corp 4559 Datasheet HTML 70Page - Renesas Technology Corp 4559 Datasheet HTML 71Page - Renesas Technology Corp 4559 Datasheet HTML 72Page - Renesas Technology Corp 4559 Datasheet HTML 73Page - Renesas Technology Corp 4559 Datasheet HTML 74Page - Renesas Technology Corp 4559 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 71 of 146
REJ03B0188-0104
4559 Group
(20)Watchdog timer
• The watchdog timer function is valid after system is released
from reset. When not using the watchdog timer function,
execute the DWDT instruction and the WRST instruction
continuously, and clear the WEF flag to “0” to stop the
watchdog timer function.
• The contents of WDF1 flag and timer WDT are initialized at
the power down.
• When using the watchdog timer and the power down, initialize
the WDF1 flag with the WRST instruction just before the
microcomputer enters the power down mode.
Also, set the NOP instruction after the WRST instruction, for
the case when a skip is performed with the WRST instruction.
(21)Voltage drop detection circuit
The voltage drop detection circuit detection voltage of this
product is set up lower than the minimum value of the supply
voltage of the recommended operating conditions.
When the supply voltage of a microcomputer falls below to the
minimum value of recommended operating conditions and
regoes up (ex. battery exchange of an application product),
depending on the capacity value of the bypass capacitor added to
the power supply pin, the following case may cause program
failure (Figure 73);
supply voltage does not fall below to VRST-, and its voltage re-
goes up with no reset.
In such a case, please design a system which supply voltage is
once reduced below to VRST- and re-goes up after that.
Fig 73. VDD and VRST-
(22)On-chip oscillator
The clock frequency of the on-chip oscillator depends on the
supply voltage and the operation temperature range.
Be careful that variable frequencies when designing application
products.
Also, the oscillation stabilize wait time after system is released
from reset is generated by the on-chip oscillator clock. When
considering the oscillation stabilize wait time after system is
released from reset, be careful that the variable frequency of the
on-chip oscillator clock.
(23)RC oscillation
The CRCK instruction can be executed only once after reset
release.
Execute the CRCK instruction in the initial setting routine
(executing it in address 0 in page 0 is recommended).
The frequency is affected by a capacitor, a resistor and a
microcomputer.
So, set the constants within the range of the frequency limits.
(24)External clock
Be careful that the maximum value of the oscillation frequency
when using the external clock differs from the value when using
the ceramic resonator (refer to the recommended operating
condition).
Also, note that the power-down mode (POF or POF2 instruction)
cannot be used when using the external clock.
(25)QzROM
(1) Be careful not to apply overvoltage to MCU. The contents
of QzROM may be overwritten because of overvoltage.
Take care especially at turning on the power.
(2) As for the product shipped in blank, Renesas does not
perform the writing test to user ROM area after the
assembly process though the QzROM writing test is
performed enough before the assembly process. Therefore, a
writing error of approx. 0.1 % may occur. Moreover, please
note the contact of cables and foreign bodies on a socket,
etc. because a writing environment may cause some writing
errors.
(26)Notes On ROM Code Protect (QzROM product
shipped after writing)
As for the QzROM product shipped after writing, the ROM code
protect is specified according to the ROM option setup data in
the mask file which is submitted at ordering.
The ROM option setup data in the mask file is “0016” for protect
enabled or “FF16” for protect disabled.
Note that the mask file which has nothing at the ROM option
data or has the data other than “0016” and “FF16” can not be
accepted.
(27)Data Required for QzROM Writing Orders
The following are necessary when ordering a QzROM product
shipped after writing:
1. QzROM Writing Confirmation Form*
2. Mark Specification Form*
3. ROM data...........Mask file
* For the QzROM writing confirmation form and the mark
specification form, refer to the “Renesas Technology Corp.”
Homepage (http://www.renesas.com/homepage.jsp).
Note that we cannot deal with special font marking (customer’s
trademark etc.) in QzROM microcomputer.
VDD
VRST+
VRST-
Recommended operating
condition min. value
VDD
VRST+
VRST-
Normal operation
Reset
No reset
Program failure may occur.
Recommended operating
condition min. value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com