| Electronic Components Datasheet Search |
|
4559 Datasheet(PDF) 72 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4559 Datasheet(HTML) 72 Page - Renesas Technology Corp |
|
72 / 148 page ![]() Rev.1.04 Aug 23, 2007 Page 72 of 146 REJ03B0188-0104 4559 Group NOTES ON NOISE Countermeasures against noise are described below. The following countermeasures are effective against noise in theory, however, it is necessary not only to take measures as follows but to evaluate before actual use. (1) Shortest wiring length The wiring on a printed circuit board can function as an antenna which feeds noise into the microcomputer. The shorter the total wiring length (by mm unit), the less the possibility of noise insertion into a microcomputer. (1) Wiring for RESET input pin Make the length of wiring which is connected to the RESET input pin as short as possible. Especially, connect a capacitor across the RESET input pin and the VSS pin with the shortest possible wiring. •Reason In order to reset a microcomputer correctly, 1 machine cycle or more of the width of a pulse input into the RESET pin is required. If noise having a shorter pulse width than this is input to the RESET input pin, the reset is released before the internal state of the microcomputer is completely initialized. This may cause a program runaway. Fig 74. Wiring for the RESET input pin (2) Wiring for clock input/output pins • Make the length of wiring which is connected to clock I/O pins as short as possible. • Make the length of wiring across the grounding lead of a capacitor which is connected to an oscillator and the VSS pin of a microcomputer as short as possible. • Separate the VSS pattern only for oscillation from other VSS patterns. Fig 75. Wiring for clock I/O pins •Reason If noise enters clock I/O pins, clock waveforms may be deformed. This may cause a program failure or program runaway. Also, if a potential difference is caused by the noise between the VSS level of a microcomputer and the VSS level of an oscillator, the correct clock will not be inpu t in the microcomputer. (3) Wiring to CNVSS pin Connect an approximately 5 k Ω resistor to the VPP pin and also to the GND pattern supplied to the VSS pin with shortest possible wiring. •Reason The CNVSS pin is the power source input pin for the built-in QzROM. When programming in the built-in QzROM, the impedance of the CNVSS pin is low to allow the electric current for writing flow into the QzROM. Because of this, noise can enter easily. If noise enters the CNVSS pin, abnormal instruction codes or data are read from the built-in QzROM, which may cause a program runaway. Fig 76. Wiring for CNVSS pin RESET Reset circuit Noise VSS VSS N.G. Reset circuit VSS RESET VSS O.K. Noise XIN XOUT VSS N.G. XIN XOUT VSS O.K. CN V s s V SS T h e shorte st T h e shorte st about 5k Ω N ote : T h is indica te s pin. (Note) (Note) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |