Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 121Page - Renesas Technology Corp 4559 Datasheet HTML 122Page - Renesas Technology Corp 4559 Datasheet HTML 123Page - Renesas Technology Corp 4559 Datasheet HTML 124Page - Renesas Technology Corp 4559 Datasheet HTML 125Page - Renesas Technology Corp 4559 Datasheet HTML 126Page - Renesas Technology Corp 4559 Datasheet HTML 127Page - Renesas Technology Corp 4559 Datasheet HTML 128Page - Renesas Technology Corp 4559 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 125 of 146
REJ03B0188-0104
4559 Group
Skip condition
Detailed description
Continuous
description
−
Loads the value n in the immediate field to register A.
When the LA instructions are continuously coded and executed, only the first LA instruction is executed and
other LA instructions coded continuously are skipped.
−−
Transfers bits 7 to 4 to register B and bits 3 to 0 to register A. These bits 7 to 0 are the ROM pattern in
address (DR2 DR1 DR0 A3 A2 A1 A0)2 specified by registers A and D in page p. When UPTF is 1, Transfers
bits 9, 8 to the low-order 2 bits (DR1, DR0) of register D, and “0” is stored to the least significant bit (DR2) of
register D.
When this instruction is executed, 1 stage of stack register (SK) is used.
−−
Adds the contents of M(DP) to register A. Stores the result in register A. The contents of carry flag CY
remains unchanged.
−
0/1 Adds the contents of M(DP) and carry flag CY to register A. Stores the result in register A and carry flag CY.
Overflow = 0
−
Adds the value n in the immediate field to register A, and stores a result in register A.
The contents of carry flag CY remains unchanged.
Skips the next instruction when there is no overflow as the result of operation.
Executes the next instruction when there is overflow as the result of operation.
−−
Takes the AND operation between the contents of register A and the contents of M(DP), and stores the result
in register A.
−−
Takes the OR operation between the contents of register A and the contents of M(DP), and stores the result
in register A.
−
1
Sets (1) to carry flag CY.
−
0
Clears (0) to carry flag CY.
(CY) = 0
−
Skips the next instruction when the contents of carry flag CY is “0”. Executes the next instruction when the
contents of carry flag CY is “1”.
The contents of carry flag CY remains unchanged.
−−
Stores the one’s complement for register A’s contents in register A.
−
0/1 Rotates 1 bit of the contents of register A including the contents of carry flag CY to the right.
−−
Sets (1) the contents of bit j (bit specified by the value j in the immediate field) of M(DP).
−−
Clears (0) the contents of bit j (bit specified by the value j in the immediate field) of M(DP).
(Mj(DP)) = 0
j = 0 to 3
−
Skips the next instruction when the contents of bit j (bit specified by the value j in the immediate field) of
M(DP) is “0”.
Executes the next instruction when the contents of bit j of M(DP) is “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com