Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 103 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 103 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 99Page - Silicon Laboratories CP2201 Datasheet HTML 100Page - Silicon Laboratories CP2201 Datasheet HTML 101Page - Silicon Laboratories CP2201 Datasheet HTML 102Page - Silicon Laboratories CP2201 Datasheet HTML 103Page - Silicon Laboratories CP2201 Datasheet HTML 104Page - Silicon Laboratories CP2201 Datasheet HTML 105Page - Silicon Laboratories CP2201 Datasheet HTML 106Page - Silicon Laboratories CP2201 Datasheet HTML 107Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 108 page
background image
CP2200/1
Rev. 1.0
103
Table 29. Multiplexed Motorola Mode AC Parameters
Parameter
Description
Min
Typ
Max
UNITS
TAS1
AS High Pulse Width (Read/Write)
40
—
—
ns
TAS2
AS Falling to DS Falling (Read/Write)
40
—
—
ns
TAS
Address Setup Time (Read/Write)
40
—
—
ns
TAH
Address Hold Time (Read/Write)
40
—
—
ns
TRWS
R/W Setup Time (Read/Write)
40
—
—
ns
TDSR
DS Low Pulse Width (Read)
160
—
—
ns
TVD1
DS Falling to Valid Data Out (Read)
—
—
140
ns
TVD2
DS Rising to Data Bus Tri-State (Read)
—
60
—
ns
TDSR
DS Low Pulse Width (Write)
120
—
—
ns
TDS
Data Setup Time (Write)
40
—
—
ns
TDH
Data Hold Time (Write)
60
—
—
ns
TRWH
R/W Hold Time (Read/Write)
60
—
—
ns
THOLD
Hold Delay (Read/Write)
60
—
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com