Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 105 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 105 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 100Page - Silicon Laboratories CP2201 Datasheet HTML 101Page - Silicon Laboratories CP2201 Datasheet HTML 102Page - Silicon Laboratories CP2201 Datasheet HTML 103Page - Silicon Laboratories CP2201 Datasheet HTML 104Page - Silicon Laboratories CP2201 Datasheet HTML 105Page - Silicon Laboratories CP2201 Datasheet HTML 106Page - Silicon Laboratories CP2201 Datasheet HTML 107Page - Silicon Laboratories CP2201 Datasheet HTML 108Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 105 / 108 page
background image
CP2200/1
Rev. 1.0
105
17.2. MAC Address Filtering
Problem
For unicast packets received over the Ethernet wire, the receive filter only validates the first 5 bytes of the 6-byte
Ethernet MAC Address. Any packet addressed to a device whose MAC address only differs in the 6th byte will be
allowed to pass through the receive filter.
Workaround
The Ethernet driver on the host controller should verify that the 6th byte of each packet (i.e., the final byte of the
MAC address) matches its assigned MAC address. If it detects a mismatch, the packet should be discarded by
writing 1 to the RXSKIP bit.
Implications on Throughput
This behavior does not slow down the rate which the embedded system can send or receive packets, since the
CP220x must receive and filter all packets on the network. However, it can interrupt the host controller for received
packets addressed to another device with a similar MAC address (where the only difference is in the 6th byte) on
the same subnet. On a managed switch network, present on most corporate LANs, the effect of this behavior is
minimal due to the fact that the managed switch filters out unicast packets not addressed to the receiving Ethernet
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com