Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 65 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 65 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 61Page - Qorvo, Inc ACT2861 Datasheet HTML 62Page - Qorvo, Inc ACT2861 Datasheet HTML 63Page - Qorvo, Inc ACT2861 Datasheet HTML 64Page - Qorvo, Inc ACT2861 Datasheet HTML 65Page - Qorvo, Inc ACT2861 Datasheet HTML 66Page - Qorvo, Inc ACT2861 Datasheet HTML 67Page - Qorvo, Inc ACT2861 Datasheet HTML 68Page - Qorvo, Inc ACT2861 Datasheet HTML 69Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
65 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
OTG Output Constant Current Limit Scaling Factor (relative
to IILIM)
100%
OTG_CC
OTG Mode Battery Discharge Current Limit Scaling Factor
(relative to ICHG)
200%
OTG_BAT_ILIM
OTG Softstart Time
5ms
OTG_SS
Switching Frequency
500kHz
FREQ_SEL
OTG nOTG Pin Polarity
Active Low
nOTG_PIN_POLARITY
nCHG Pin Functionality in OTG Mode
Enabled
EN_OTG_NCHG
OTG Start up Delay
1000ms
OTG_EN_DLY
OTG Cord Compensation
Disabled
OTG_CORD_COMP
OTG Battery Cut Off Voltage During Discharge (Delta below
VBAT_LOW)
1V
OTG_VBAT_CUTOFF
OTG Output Slew Rate
0.1V/ms
OTG_OUTPUT_SLEW
PFM Mode in Charge and OTG modes
Enabled
OTG_DIS_PFM
OTG Light Load Turn Off
Enabled
OTG_OFF_LOAD_EN
OTG Light Load Turn Off Delay
30s
OTG_OFF_DLY
OCP Shutdown (8 FET OC cycles)
Enabled
DIS_OCP_SHUTDOWN
FET cycle by cycle current limit
10A
FET_ILIMIT & ILIM_LOW
Input OV restart time
40ms
VIN_OV_RESTART_DELAY
ADC
ADC Enabled
Disabled
EN_ADC
VREG LDO
VREG Enabled
Enabled
VREG_EN
VREG Output Voltage
5V
VREG
VREG Input Control
Auto
VREG_OVERRIDE
VREG Input Voltage
VIN
VREG_SELECT
Miscellaneous
Watchdog Timer
Disabled
WATCHDOG
Die Regulation Temperature
120 deg C
TREG
7-bit I2C Slave Address
0x24h
I2CADD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com