Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 75 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 75 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 71Page - Qorvo, Inc ACT2861 Datasheet HTML 72Page - Qorvo, Inc ACT2861 Datasheet HTML 73Page - Qorvo, Inc ACT2861 Datasheet HTML 74Page - Qorvo, Inc ACT2861 Datasheet HTML 75Page - Qorvo, Inc ACT2861 Datasheet HTML 76Page - Qorvo, Inc ACT2861 Datasheet HTML 77Page - Qorvo, Inc ACT2861 Datasheet HTML 78Page - Qorvo, Inc ACT2861 Datasheet HTML 79Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
75 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
REG 0x07: ADC Output 1 (Read only) (VM)
Bit
Name
Description
Comment
7
ADC_OUT[13]
0
Selected data output from ADC_READ Register
ADC output
Upper 8 Bits of ADC output.
6
ADC_OUT[12]
0
5
ADC_OUT[11]
0
4
ADC_OUT[10]
0
3
ADC_OUT[9]
0
2
ADC_OUT[8]
0
1
ADC_OUT[7]
0
0
ADC_OUT[6]
0
REG 0x08: ADC Output 2 (Read only) (VM)
Bit
Name
Description
Comment
7
RFU
0
Reserved for future use. Do not change this register value.
6
RFU
0
5
ADC_OUT[5]
0
Selected data output from ADC_READ Register
Lower 6 LSB Bits of ADC Output
4
ADC_OUT[4]
0
3
ADC_OUT[3]
0
2
ADC_OUT[2]
0
1
ADC_OUT[1]
0
0
ADC_OUT[0]
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com