Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 10 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 10 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 6Page - Qorvo, Inc ACT2861 Datasheet HTML 7Page - Qorvo, Inc ACT2861 Datasheet HTML 8Page - Qorvo, Inc ACT2861 Datasheet HTML 9Page - Qorvo, Inc ACT2861 Datasheet HTML 10Page - Qorvo, Inc ACT2861 Datasheet HTML 11Page - Qorvo, Inc ACT2861 Datasheet HTML 12Page - Qorvo, Inc ACT2861 Datasheet HTML 13Page - Qorvo, Inc ACT2861 Datasheet HTML 14Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
10 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
BATTERY CHARGER
(VIN = 12V, VBAT = 7.6V, TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Battery Regulation Voltage
Accuracy
VBAT_REG_ACC
VBAT = VBAT Register Setting
Measured at VBATS Pin
-0.5
0.5
%
Fast Charge Current Range
IFCHG_REG_RANGE With ICHG=100% register setting
0.5
5
A
Fast Charge Current Regulation
Accuracy
(10m
Ω current sensing resistor)
IFCHG_REG_ACC
VBAT= VBAT_LOW, ICHG=2A
-5
+5
%
VBAT= VBAT_LOW, ICHG=1A
-10
+10
%
VBAT= VBAT_LOW ICHG=500mA
-20
+20
%
Pre-charge Current Regulation
Accuracy
(10m
Ω current sensing resistor)
IPRECHG_ACC
VBAT= VBAT_LOW, ICHG=250mA
-30
+30
%
VBAT= VBAT_LOW, ICHG=125mA
-40
+40
%
Termination Current Accuracy
(default factory setting)
VTERM_ACC
VBATSHORT<VBAT<VBAT_LOW
ITERM = 250mA
-30
+30
%
Battery Short Charge Current
(default factory setting for ISHRT
and VBATSHORT)
ISHRT
VBATSHORT<VBAT<VBAT_LOW
ISHRT=200mA
120
200
280
mA
VBAT < VBATSHORT -100mV
VBAT > 3V
ISHRT=400mA
300
400
400
mA
Minimum Battery Voltage for
Active I2C
VBAT_UVLOZ
VBAT rising
Measured at VBATS Pin
3.75
3.9
4.15
V
Battery LOW Threshold
VBAT_LOW
Pre-Charge to Fast Charge with VBAT
Rising
Relative to the factory default
VBAT_LOW Register Setting
Measured at VBATS Pin
-3.3
VBAT_LOW
+ 3.3
%
Battery LOW Hysteresis
VBAT_LOW_HYST
Fast Charge to Pre-Charge with VBAT
Falling
Relative to the factory default
VBAT_LOW Register Setting
Referenced to actual VBAT_LOW
measurement
Measured at VBATS Pin
3.3
6
8.6
%
Battery Short Voltage
VBATSHORT
BAT Short Charge level to Pre-
Charge level with VBAT rising
Relative to the factory default
VBATSHORT Register Setting
Measured at VBATS Pin
–2.5
VBATSHORT
+ 2.5
%
Battery Short Voltage Hystere-
sis
VBATSHORT_HYST
BAT Pre-Charge to Short Charge
level with VBAT Falling
Relative to the actual VBATSHORT
measurement
Measured at VBATS Pin
4
5
6
%
Battery Good Voltage
VBATGOOD
VBAT Rising
-3%
VBAT_GOOD
+3%
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com