Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 45 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 45 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 41Page - Qorvo, Inc ACT2861 Datasheet HTML 42Page - Qorvo, Inc ACT2861 Datasheet HTML 43Page - Qorvo, Inc ACT2861 Datasheet HTML 44Page - Qorvo, Inc ACT2861 Datasheet HTML 45Page - Qorvo, Inc ACT2861 Datasheet HTML 46Page - Qorvo, Inc ACT2861 Datasheet HTML 47Page - Qorvo, Inc ACT2861 Datasheet HTML 48Page - Qorvo, Inc ACT2861 Datasheet HTML 49Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
45 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
QC3.0, etc. This includes USB PD3.0 + PPD. To
achieve this compatibility, the output voltage can be dy-
namically changed in OTG mode. VOUT in OTG mode
can be
dynamically changed by
writing
to
the
OTG_VOUT[10:0] register, if internal feedback is used
and OTG_VOUT_I2C is set to 0. The OTG_OUT-
PUT_SLEW[1:0] register is used to control the slew rate
between
settings
when
the
OTG_VOUT[10:0]
is
changed. When the voltage is increased, the internal
ramp and regulator can compensate and increase the
voltage. However, when the voltage is decreased, and
there is no external load on the output, the output volt-
age may not decrease fast enough to the meet the re-
quirements. To speed up the transition time from higher
to
lower
output
voltages,
set
OTG_PULL-
DOWN_RAMP=1. This turns on an internal 70mA load
when the output voltage is stepped to a lower voltage
using the OTG_VOUT[10:0] register. The 70mA load
turns off when the voltage goes into regulation.
The ACT2861 also has a pulldown current that goes
active
during
any
output
overvoltage
condition.
Enable this feature by setting the I2C bit OTG_PULL-
DOWN_OV = 1.
OTG Mode – State Machine Status
The I2C bits OTG_STATUS[2:0] in register 0x20h pro-
vide the user with real time status of the OTG state ma-
chine. These bits are always 000 when the IC is not in
OTG mode.
Table 10: OTG State Machine Status
OTG_STATUS[2:0]
State Machine State
000
OTG_RST
001
OTG_SS
010
OTG_REG
011
OTG_HICCUP
100
OTG_LL_DIS
101-111
Not Valid
OTG – Battery Temperature Protection
The ACT2861 provides battery temperature in OTG
mode. If the battery temperature goes outside the pro-
grammed range, the IC goes to the OTG_RST state. It
stays there until the temperature returns inside the pro-
grammed range or battery temperature monitoring is
disabled. Note that the OTG thermal limits use the same
registers as the non-JEITA charging registers.
Enable OTG battery temperature monitoring by setting
I2C bit DIS_TH = 0. When this feature is enabled, the IC
compares the battery voltage as measured on the TH
pin to two internal I2C registers: OTG_HOT[1:0] and
OTG_COLD, both in register 0x1Dh.
OTG - Frequency
The ACT2861 OTG switching frequency is the same as
the charging switching frequency. The ACT2861 can
operate at 125kHz, 250kHz, 500kHz, or 1MHz. The
switching frequency is set by the factory and is not user
programmable. The default frequency is 500kHz to give
the best tradeoff between size and efficiency, but can
be programmed to the other options with a custom CMI.
Note that the external component value requirements
change with different switching frequencies. Contact
Qorvo for additional information about other configura-
tions.
OTG – Input Capacitor Selection
Note that the OTG CIN capacitor is also the charging
output capacitor. It is connected directly to VBAT pin.
The capacitor should be dedicated high quality, low-
ESR, ceramic capacitor that is optimally placed to mini-
mize the power routing. 22uF to 47uF capacitors are
typically acceptable, but the final value is application de-
pendent. Choose the input capacitor value to keep the
OTG input voltage ripple less than ~50mV. The COTG in-
put capacitor can be increased without limit.
COTG_IN=IOTG∗VOTGVIN∗�1−VOTGVIN�
FSW∗Vripple Equation6
Where COTG_IN is the OTG input capacitance (Charging
output capacitance) in uF, IOTG is the OTG output cur-
rent in Amperes, VOTG is the OTG output voltage in volts,
VIN is the OTG input voltage in volts, FSW is the switching
frequency in Hz, and Vripple is the maximum allowable
OTG input voltage ripple in volts.
If the OTG input source is a battery, no additional ca-
pacitance is needed. If the OTG input source is a power
supply rail, adding an additional 100 uF bulk electrolytic
capacitor is recommended.
The ceramic capacitor PCB placement is critical. Refer
to the Layout Guidelines selection and to the EVK layout
for details.
Be sure to consider the input capacitor’s DC bias effects.
A capacitor’s actual capacitance is strongly affected by
its DC bias characteristics. The input capacitor is typi-
cally an X5R, X7R, or similar dielectric. Use of Y5U, Z5U,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com