Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 27 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 27 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 23Page - Qorvo, Inc ACT2861 Datasheet HTML 24Page - Qorvo, Inc ACT2861 Datasheet HTML 25Page - Qorvo, Inc ACT2861 Datasheet HTML 26Page - Qorvo, Inc ACT2861 Datasheet HTML 27Page - Qorvo, Inc ACT2861 Datasheet HTML 28Page - Qorvo, Inc ACT2861 Datasheet HTML 29Page - Qorvo, Inc ACT2861 Datasheet HTML 30Page - Qorvo, Inc ACT2861 Datasheet HTML 31Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
27 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
PIN FUNCTIONS
VIN
VIN is the ACT2861 input power pin when in CHARGE
mode. It is also the input voltage sense input. VIN is the
ACT2861 output power pin when in OTG mode. The
OTG output voltage is regulated at the VIN pin. Connect
input bypass capacitors directly between VIN and
PGND.
ISRP
ISRP is the positive sense pin for input current sensing
when the ACT2861 is in Charge mode. It is the negative
sense pin for output current sensing when the IC in in
OTG mode. ISRP requires an input RC filter. Refer to
the Setting Charge Current section for more details.
ISRP must be Kelvin connected to the input current
sense resistor. Connect the input current sense resistor
between ISRP and ISRN.
ISRN
ISRN is the negative sense pin for input current sensing
when the ACT2861 is in Charge mode. It is the positive
sense pin for output current sensing when the IC in in
OTG mode. ISRN requires an input RC filter. Refer to
the Setting Charge Current section for more details.
ISRN must be Kelvin connected to the input current
sense resistor. Connect the input current sense resistor
between ISRP and ISRN.
SW1, SW2
SW1 and SW2 are the switch nodes for the internal
buck-boost converter. SW1 switches between VIN and
PGND when the IC operates in buck and buck-boost
modes. SW2 switches between VBAT and PGND when
the IC operates in buck-boost and boost modes. Con-
nect the inductor between the SW1 and SW2 pins.
HSB1, HSB2
HSB1 and HSB2 provide power to the internal high-side
MOSFET gate driver circuitry. Connect a 47nF capaci-
tor from HSB1 to SW1. Connect a 47nF capacitor from
HSB2 to SW2.
VBAT
VBAT is the battery charger output power pin when in
CHARGE mode. Is the input power pin in OTG mode
Connect input bypass capacitors directly between
VBAT and PGND.
VBATS
VBATS is the battery voltage sense pin. The battery
voltage is regulated at the VBATS pin. Kelvin connect
input VBATS as close to the battery input terminals as
possible.
OSRP
OSRP is the positive sense pin for battery charge cur-
rent sensing when the ACT2861 is in Charge mode. It
is the negative sense pin for the input battery current
sensing when the IC in in OTG mode. OSRP requires
an input RC filter. Refer to the Setting Charge Current
section for more details. OSRP must be Kelvin con-
nected to the battery charge current sense resistor.
Connect the battery charge current sense resistor be-
tween OSRP and OSRN.
OSRN
OSRN is the negative sense pin for battery charge cur-
rent sensing when the ACT2861 is in Charge mode. It
is the positive sense pin for input battery current sensing
when the IC in in OTG mode. OSRN requires an input
RC filter. Refer to the Setting Charge Current section
for more details. OSRN must be Kelvin connected to the
battery charge current sense resistor. Connect the bat-
tery charge current sense resistor between OSRP and
OSRN.
ILIM
ILIM sets the maximum input current in CHARGE mode.
It sets the maximum output current in OTG mode. Con-
nect a resistor between ILIM and AGND to set the cur-
rent limits. The ILIM current limit can be scaled using
I2C. In some operating conditions, ILIM requires addi-
tional RC compensation. Refer to the Charging – Max-
imum Current Input section for more details.
OLIM
OLIM sets the maximum battery charge current in
CHARGE mode. It sets the maximum battery input cur-
rent in OTG mode. Connect a resistor between OLIM
and AGND to set the current limits. The OLIM current
limit can be scaled using I2C. In some operating condi-
tions, OLIM requires additional RC compensation. Re-
fer to the Setting Charge Current section for more de-
tails.
INTBP
INTBP is the internal bias voltage output pin. INTBP is
supplied by an internal linear regulator. Do not power
external circuity from the INTBP pin. Connect a 100nF
ceramic capacitor between INTBP and AGND.
VREG
VREG is the internal LDO output pin. The internal LDO
is programmable between 2V and 5.1V. Its maximum
output current capability 100mA. Connect a 1uF ce-
ramic capacitor between VREG and AGND. For



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com