Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 15 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 15 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 11Page - Qorvo, Inc ACT2861 Datasheet HTML 12Page - Qorvo, Inc ACT2861 Datasheet HTML 13Page - Qorvo, Inc ACT2861 Datasheet HTML 14Page - Qorvo, Inc ACT2861 Datasheet HTML 15Page - Qorvo, Inc ACT2861 Datasheet HTML 16Page - Qorvo, Inc ACT2861 Datasheet HTML 17Page - Qorvo, Inc ACT2861 Datasheet HTML 18Page - Qorvo, Inc ACT2861 Datasheet HTML 19Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
15 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
NTC TH 60°C Voltage
VTH60C
0.188
0.203
0.218
V
NTC TH 65°C Voltage
VTH65C
0.160
0.175
0.190
V
Deglitch time for each range
transition
16
ms
TH Detect Battery or Very Cold
Temp Threshold
VTH_NO_BAT
When TH Pin Enabled
INTBP
-150
mV
TH Detect Battery or Very Cold
Temp Threshold Hysteresis
VTH_NO_BAT_HYST When TH Pin Enabled
50
mV
ADC CONVERTER
(VIN = 12V, VBAT = 7.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Total Error
A2DERROR
12 Bit Range after manual gain
and offset calibration
0.5
LSB
Conversion Time
A2DtCONV
All 6 Channels
100
ms
Conversion Time
A2DtCONV
1 Channel
15
ms
Input Capacitance
A2DCIN
5
pF
A2D Full Scale Input EXT_IN
A2DFS
2.5
V
A2D Full Scale VIN
A2DVIN
Measurement input at VIN pin
0
32.5
V
A2D Full Scale VBAT
A2DVBAT
Measurement input at VBATS Pin
1.5
25
V
A2D Full Scale OLIM, ILIM
A2DOLIM, A2DILIM
2.5
V
A2D Full Scale TH
A2DTH
Battery NTC Voltage
3.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com