Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 70 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 70 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 66Page - Qorvo, Inc ACT2861 Datasheet HTML 67Page - Qorvo, Inc ACT2861 Datasheet HTML 68Page - Qorvo, Inc ACT2861 Datasheet HTML 69Page - Qorvo, Inc ACT2861 Datasheet HTML 70Page - Qorvo, Inc ACT2861 Datasheet HTML 71Page - Qorvo, Inc ACT2861 Datasheet HTML 72Page - Qorvo, Inc ACT2861 Datasheet HTML 73Page - Qorvo, Inc ACT2861 Datasheet HTML 74Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
70 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
REG 0x02: General Status (Read Only) (VM)
Bit
Name
Description
Comment
7
nVBAT_GOOD
0
0: Battery voltage is good
1: Battery voltage is lower
than VBAT_GOOD
Set bit when battery voltage is lower than VBAT_GOOD
threshold in Charge Mode or OTG Mode
This is not checked in HIZ Mode, so will be set to 0 in HIZ
Mode.
This read only register has a 16msec deglitch for rising
and falling edge.
6
nIRQ_PIN_Status
0
0: Our device output drive
HIZ
1: Our device output
asserted Low
Device status of IRQ output
Not actual status of the IRQ pin – Open drain output so
other devices could be driving the pin low in a wired OR
configuration
5
nOTG_PIN_STATUS
0
0: nOTG Pin Low
1: nOTG Pin High
Real time status of the nOTG input pin
4
INPUT_UVLO_CHG
0
0: Input above UVLO
1: Input below UVLO
Charge Mode Only
Real time status – For latched fault, see the Fault
Registers
3
INPUT_OV_CHG
0
0: Input below OV
1: Input above OV
Charge Mode Only
Real time status – For latched fault, see the Fault
Registers
2
GPIO_IN
0
0: GPIO Input Low
1: GPIO Input HI
Real Time status of GPIO Pin.
Only available in ACT2862, otherwise this register is
always low
1
OPERATION_MODE[1]
0
00: HIZ Mode
01: Charger Mode
10: OTG Mode
11: not valid
Current state machine status for overall system
0
OPERATION_MODE[0]
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com