Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 72 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 72 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 68Page - Qorvo, Inc ACT2861 Datasheet HTML 69Page - Qorvo, Inc ACT2861 Datasheet HTML 70Page - Qorvo, Inc ACT2861 Datasheet HTML 71Page - Qorvo, Inc ACT2861 Datasheet HTML 72Page - Qorvo, Inc ACT2861 Datasheet HTML 73Page - Qorvo, Inc ACT2861 Datasheet HTML 74Page - Qorvo, Inc ACT2861 Datasheet HTML 75Page - Qorvo, Inc ACT2861 Datasheet HTML 76Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
72 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
REG 0x04: Temperature Status (Read Only) (VM)
Bit
Name
Description
Comment
7
POK_VOUT
0
0: Output below 90%
1: Output above 92%
Indicator for Power OK in OTG or CHG mode. Uses
OTG_VOUT setting and measures VIN Pin during OTG.
Uses VTERM setting and VBATS Pin during Charge
Mode.
6
TH_BAT_DETECT
0
0: No Battery detected
1: Battery detected
Uses the voltage on TH pin. Can be used to detect
battery or battery at very cold temperature. If DIS_TH=1,
then register is always 0 – No battery detected.
5
OTG_COLD_DIS /
CHRG DIS_JEITA=1
0
OTG Mode OR (Charge
Mode AND DIS_JEITA=1)
0: OK
1: Below 0°C / -10°C input
If this bit is 1, then OTG or Charger mode is disabled
caused by Battery Below 0C or -10C depending on
OTG_COLD Register
4
OTG_HOT_DIS /
CHRG DIS_JEITA=1
0
OTG Mode OR ( Charge
Mode AND
DIS_JEITA=1 )
0: OK
1: Above 55°C / 60°C /
65°C Threshold
If this bit is 1, then OTG or Charger mode is disabled
caused by Battery Above 55C/60C/65C depending on
OTG_HOT[1:0] Register
3
CHRG_COLD
0
0: Normal Charge Mode
OR DIS_JEITA=1
1: Charging has stopped
with DIS_JEITA=0
In charge mode, if DIS_JEITA=0, then this bit goes high
when the battery temperature is less than 0°C and the
device is always disabled.
2
CHRG_COOL
0
0: Normal Charge Mode
OR DIS_JEITA=1
1: Reduced current or
charge suspended
In charge mode, if DIS_JEITA=0, then this bit goes high
when battery temperature is between 10°C and 0°C. In
this mode, the device may be disabled, or reduced
current.
This is controlled by Register 0x1C Bit [1:0].
1
CHRG_WARM
0
0: Normal Charge Mode
OR DIS_JEITA=1
1: Reduced charge
voltage and/or current
In charge mode, if DIS_JEITA=0, then this bit goes high
when battery temperature is between 45°C and 60°C. In
this mode, the device may be have reduced current or
reduced VTERM. This is controlled by Register 0x1C Bit
[5:2].
0
CHRG_HOT
0
0: Normal Charge Mode
OR DIS_JEITA=1
1: Charging has stopped
In charge mode, if DIS_JEITA=0, then this bit goes high
when the battery temperature is greater than 60°C and
the device is always disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com