Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 80 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 80 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 76Page - Qorvo, Inc ACT2861 Datasheet HTML 77Page - Qorvo, Inc ACT2861 Datasheet HTML 78Page - Qorvo, Inc ACT2861 Datasheet HTML 79Page - Qorvo, Inc ACT2861 Datasheet HTML 80Page - Qorvo, Inc ACT2861 Datasheet HTML 81Page - Qorvo, Inc ACT2861 Datasheet HTML 82Page - Qorvo, Inc ACT2861 Datasheet HTML 83Page - Qorvo, Inc ACT2861 Datasheet HTML 84Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
80 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
REG 0x0D: Charger Control 3 (R/W) (NVM)
Bit
Name
Description
Comment
7
VRECHARGE[2]
0
000: 200mV
001: 300mV
010: 400mV
011: 450mV
100: 500mV
101: 600mV
110: 750mV
111: 800mV
A battery voltage below VTERM restarts charging
when in the CHG Termination State.
Allows for 2-5 Cell with 100mV or 150mV setting or
200mV up to 4 cells.
6
VRECHARGE[1]
1
5
VRECHARGE[0]
0
4
VIN_STRT_DLY[1]
0
00: No delay
01: 220ms
10: 500ms
11: 1.3s
Delay time to start the charger when after the
charger is enabled
3
VIN_STRT_DLY[0]
1
2
DIS_CHG_VREG_FLT
0
0: Enable
1: Disable
If set to 0, an overcurrent or UVLO fault on the
VREG will stop charging mode (goes to FAULT
Mode). If set to 1, charging mode will continue with
fault on VREG.
1
VBATGOOD[1]
0
00: VBAT_LOW + 0.4V
01: VBAT_LOW + 0.6V
10: VBAT_LOW + 0.8V
11: VBAT_LOW + 1.0V
Battery good threshold reference to VBAT_LOW
Register setting for Charge Mode
0
VBATGOOD[0]
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com