Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 81 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 81 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 77Page - Qorvo, Inc ACT2861 Datasheet HTML 78Page - Qorvo, Inc ACT2861 Datasheet HTML 79Page - Qorvo, Inc ACT2861 Datasheet HTML 80Page - Qorvo, Inc ACT2861 Datasheet HTML 81Page - Qorvo, Inc ACT2861 Datasheet HTML 82Page - Qorvo, Inc ACT2861 Datasheet HTML 83Page - Qorvo, Inc ACT2861 Datasheet HTML 84Page - Qorvo, Inc ACT2861 Datasheet HTML 85Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
81 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
REG 0x0E: OTG Mode Control 1 (R/W) (NVM)
Bit
Name
Description
Comment
7
OTG_EN
1
0: Disable
1: Enable
If this bit is low, OTG mode is always disabled. If this
pin is High, then either the nOTG pin or the
EN_OTG_OVERRIDE bit will enable the OTG Mode.
In addition, the HIZ mode bit (Reg 0x00, bit 7) must
be low.
6
OTG_EN_OVERRIDE
0
0: Disable
1: Enable
If this bit is high, nOTG pin is over written and OTG
mode is enabled by the EN_OTG bit. This allows
user to enable OTG from I2C without using the nOTG
pin.
5
OTG_SS
1
0: 1.5ms
1: 5ms
Soft start time for OTG output voltage:
4
RFU
0
Reserved for future use
3
OTG_OFF_DLY[1]
1
00: Disable
01: 10s
10: 20s
11: 30s
When light load is detected for the setting time, the
OTG is disabled and latched off. The OTG must be
disabled and re-enabled to turn OTG back on. This
can be done with the nOTG Pin, or through the
OTG_EN Register
2
OTG_OFF_DLY[0]
1
1
nOTG_PIN_POLARITY
0
0: Active Low
1: Active High
Controls the polarity of the nOTG input pin.
0
OTG_OFF_LOAD_EN
1
0: Disable
1: Enable
When light load is detected for longer than the
OFF_DLY time, the converter is disabled and latched
off. The converter must be disabled and re-enabled
to turn back on. This can be done with the EN pin or
the EN register bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com