Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 34 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 34 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 30Page - Qorvo, Inc ACT2861 Datasheet HTML 31Page - Qorvo, Inc ACT2861 Datasheet HTML 32Page - Qorvo, Inc ACT2861 Datasheet HTML 33Page - Qorvo, Inc ACT2861 Datasheet HTML 34Page - Qorvo, Inc ACT2861 Datasheet HTML 35Page - Qorvo, Inc ACT2861 Datasheet HTML 36Page - Qorvo, Inc ACT2861 Datasheet HTML 37Page - Qorvo, Inc ACT2861 Datasheet HTML 38Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
34 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
Battery Charge Management
The ACT2861 charges 2 ~ 5 cell Li-Ion battery with up
to 5A charge current for high capacity batteries. The de-
fault charging profile is configured for Li-Ion batteries,
but the ACT2861 I2C configurability allows the IC to
charge any battery chemistry.
Autonomous (stand-alone) Charging Cycle
With battery charging enabled at POR, the ACT2861
autonomously charges a 2 ~ 5 cell Li-Ion battery. The
IC automatically detects the battery’s state of charge
and starts charging in the proper charge state. It com-
pletes full or partial charging cycles without host inter-
vention. Note that when performing stand-alone charg-
ing, the IC’s default CMI must match the battery require-
ments. This includes the number of cells being charged,
their termination voltage, fastcharge current, precharge
current, and shorted battery current. The CMI Options
section shows the default settings for each available
CMI option. Contact Qorvo for additional information
about other configurations. Note that the WATCHDOG
bits must be set to 00 to disable the watchdog timer in
stand-alone charging mode.
Charger Enable / Disable
The ACT2861 can only enter Charge mode from HIZ
mode. Note that if the IC is commanded to enter both
OTG mode and Charge mode at the same time, OTG
mode takes precedence. When in HIZ mode, the
charger can be enabled with the EN_CHG pin or by I2C.
To enable the charger with the EN_CHG pin, pull the
pin above 0.8V. To disable the charger, pull it below
0.8V. EN_CHG connects to a comparator with a 0.8V
threshold. The EN_CHG pin is 5V compliant, so it can
be pulled up to 5V even when power is not applied to
the IC. Connect a resistor divider to EN_CHG to set up
a UVLO threshold to start charging. This is useful when
the system should not start charging until the input volt-
age goes above a specific value.
The charger can also be enabled with the I2C bit OVER-
RIDE_EN_CHG bit in register 0x00h. Setting this bit = 1
overrides the EN_CHG pin and forces the IC into
Charge mode. When this bit = 0, the EN_CHG pin is
used to enter Charge mode. Figure 8 shows both the
hardware and I2C conditions required to enter Charge
mode.
Note that in all cases, the I2C bit HIZ in register 0x00h
must be = 0 to enter Charge mode. When the HIZ bit =
1, the IC is forced into HIZ mode and both OTG mode
and Charge mode are disabled.
HIZ Bit = 0
EN_CHG pin = 1
OVERRIDE_EN_CHG bit = 1
nOTG pin = 1
OTG_EN_OVERRIDE bit = 0
HIZ to
Charge
Mode
Figure 8: Conditions to Enter Charge Mode from HIZ
Mode
After the IC is in Charge mode, the conditions to exit
charge mode change. While in Charge mode, the nOTG
pin and I2C bits cannot be used to exit Charge mode.
When the charger is disabled, the IC state machine
must go to HIZ mode or to SHIP mode. To disable the
charger and go to HIZ mode, pull the EN_CHG pin low
and set bit OVERRIDE_EN_CHG = 0. Setting bit HIZ =
1 overrides all other settings and disables the charger
and puts the IC into HIZ mode. The IC must go to HIZ
mode before going to OTG mode. The charger can also
be disabled by putting the IC into SHIP mode.
HIZ Bit = 1
EN_CHG pin = 0
OVERRIDE_EN_CHG bit = 0
Charge
to HIZ
Mode
Figure 9: Conditions to Enter HIZ Mode from Charge
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com