Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 68 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 68 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 64Page - Qorvo, Inc ACT2861 Datasheet HTML 65Page - Qorvo, Inc ACT2861 Datasheet HTML 66Page - Qorvo, Inc ACT2861 Datasheet HTML 67Page - Qorvo, Inc ACT2861 Datasheet HTML 68Page - Qorvo, Inc ACT2861 Datasheet HTML 69Page - Qorvo, Inc ACT2861 Datasheet HTML 70Page - Qorvo, Inc ACT2861 Datasheet HTML 71Page - Qorvo, Inc ACT2861 Datasheet HTML 72Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
68 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
REG 0x00: Main Control 1 (R/W) (VM)
Bit
Name
Description
Comment
7
HIZ
0
0: Not in HIZ mode
1: In HIZ mode
Bit to control if IC is in HIZ mode.
If set to 1, EN_CHG will NOT enable switching for
charger or and nOTG pin will not enable OTG mode. In
addition, the OVERRIDE_EN_CHG or the
OVERRIDE_nOTG Registers will not enable the
converter.
6
OVERRIDE_EN_CHG
0
0: No Effect
1: Override EN_CHG
Input
0: No effect
1: This will override the EN_CHG pin and allow the
charging to start, even if the EN pin is low. With this set
HI, enable pin will have no effect on charging. HIZ will
still need to be set to 0 to allow Charging.
5
SHIPM_ENTER
0
0: No Change
1: Device enters ship
mode
Write to 1 clears register after 1 sec
0: Normal Mode
1: Disables everything and device enters Ship Mode
after a 1 second delay. During the 1 second countdown
this bit will stay high. If user wants to cancel the enter
ship mode during the 1 sec delay, write this back to 0,
and ship mode will not be entered.
Warning: Entering ship mode disables everything and
must be re-enabled with SHIPM pin or VIN supply.
4
GPIO_OUT
0
0: Output in HIZ
1: Output pulled low
GPIO output register
Only available in ACT2862 (No OTG Mode)
3
DIS_nCHG_CHG
0
0: Enable
1: Disable
If set to 1, nCHG Charge pin is always HIZ in Charger
mode.
2
WATCHDOG_RESET
0
0: Normal
1: Reset
I2C Watchdog Timer Reset
This must be written to 1 before Watchdog timer expires,
if Watchdog timer is enabled. This is auto clearing when
writing to a 1.
1
Audio Frequency Limit
0
0: No limit
1: Minimum 31.25kHz
0: No limit of switching frequency
1: Set minimum switching frequency to 31.25kHz to
avoid audio noise
For both OTG and Charge mode.
0
REGISTER_RESET
0
1: Reset Registers to
Default
Register is self-clearing. Write to 1 resets registers and
set reset register back to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com