Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 47 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 47 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 43Page - Qorvo, Inc ACT2861 Datasheet HTML 44Page - Qorvo, Inc ACT2861 Datasheet HTML 45Page - Qorvo, Inc ACT2861 Datasheet HTML 46Page - Qorvo, Inc ACT2861 Datasheet HTML 47Page - Qorvo, Inc ACT2861 Datasheet HTML 48Page - Qorvo, Inc ACT2861 Datasheet HTML 49Page - Qorvo, Inc ACT2861 Datasheet HTML 50Page - Qorvo, Inc ACT2861 Datasheet HTML 51Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
47 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
ICOMP
RICOMP1
CICOMP1
CICOMP2
Figure 16: OTG Compensation
CHARGE STATUS OUTPUT PIN (NCHG)
The ACT2861 indicates the Charging and OTG states
on the open drain nCHG pin. The nCHG pin typically
drives an LED, but can also be monitored by a micro-
processor GPIO. In Charge mode, the nCHG pin func-
tion is enabled by setting I2C bit DIS_nCHG_CHG in
register 0x00h = 0. Disable the function by setting it to
1. In OTG mode, the nCHG function is enabled by set-
ting the I2C bit EN_OTG_nCHG in register 0x0Fh = 1.
Disable the function by setting it to 0.
Tables 12 and 13 show the nCHG state in different
Charge and OTG operating conditions.
Table 12: nCHG Pin State in Charge Mode
Charging State
nCHG Output Pin
Charging in progress
LOW
Charging complete
HIZ
Charge suspend or Fault
Blinking at 1Hz
Table 13: nCHG Pin State in OTG Mode
OTG State
nCHG Output Pin
OTG Enabled and Output Valid
LOW
OTG Disabled
HIZ
OTG Enabled In Fault, Hiccup, or
Light Load states
HIZ
ADC Monitoring
General Description
The ACT2861 contains a built-in analog to digital con-
verter, ADC, which can be used to monitor seven sys-
tem level parameters. These include input voltage, out-
put voltage, input current, output current, TH pin, die
temperature, and the external ADC input pin. It uses a
single 12 bit delta-sigma ADC that uses an analog input
multiplexer to select one of seven channels for the A/D
conversion. The resulting digital results are stored in
seven digital registers. A seven to one multiplexer con-
nects one of the ADC output registers to the user ac-
cessible register map.
ADC Configuration
The ACT2861 ADC is configured through the I2C inter-
face. It is enabled and disabled by the I2C bit EN_ADC
in register 0x09h. The ADC has two conversion modes,
manual single-shot conversion and automatic polling
conversion.
Single-Shot Conversion
Configure the IC for single-shot conversion mode by
setting the following I2C bits in register 0x09h
ADC_ONE_SHOT = 1.
ADC_CH_SCAN = 0
DIS_ADCBUF = 0
In single shot mode, the user defines the input channel
to be converted and then manually initiates the ADC
conversion. I2C bits ADC_CH_CONV [2:0] in register
0x0Ah select the input channel to be converted.
ADC_CH_READ [2:0] selects the ADC channel to be
read. These should be set to the same channel. The
user initiates an ADC read by writing a 1 into EN_ADC
in register 0x09h. When ADC conversion is complete,
the ADC_DATA_READY bit in register 0x0Ah is set to
1, nIRQ is asserted low, and EN_ADC bit automatically
changes back to 0. The uP can then read the status bits
to find that the ADC conversion is complete. The ADC
data are stored in ADC_OUT [13:6] in register 0x07h
and ADC_OUT[5:2] in register 0x08h. nIRQ stays as-
serted low and the ADC_READY_BIT stays equal to 1
until the ADC data is read. Reading the ADC data auto-
matically deasserts nIRQ. To initiate another ADC con-
version for the same channel, set EN_ADC=1. To initi-
ate an ADC conversion for another channel, change
ADC_CH_CONV and ADC_CH_READ to the appropri-
ate channel and then set EN_ADC=1.
7 to 1
MUX
ADC
CH0
CH1
CH6
CH2
12 Bit
Result
Clock
SEL[2:0]
Figure 17: ADC Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com