Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 79 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 79 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 75Page - Qorvo, Inc ACT2861 Datasheet HTML 76Page - Qorvo, Inc ACT2861 Datasheet HTML 77Page - Qorvo, Inc ACT2861 Datasheet HTML 78Page - Qorvo, Inc ACT2861 Datasheet HTML 79Page - Qorvo, Inc ACT2861 Datasheet HTML 80Page - Qorvo, Inc ACT2861 Datasheet HTML 81Page - Qorvo, Inc ACT2861 Datasheet HTML 82Page - Qorvo, Inc ACT2861 Datasheet HTML 83Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
79 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
REG 0x0C: Charger Control 2 (R/W) (NVM)
Bit
Name
Description
Comment
7
ILIM_LOW
0
0: 8.5A or 10A
1: 5.7A
Lower ILIM setting for lower power applications.
If set to 0, then uses FET_ILimit (Register 0x01 Bit 4)
setting. If set to 1, then FET_ILimit should be set to 1
for 5.7A setting.
6
EN_TERM
1
0 Converter
continues to
operate:
1: Converter is
disabled when
termination is
reached
The bit determines what to do when charge current
drops below ITERM:
0: Converter stays on and continues to regulate
VBAT output to VTERM Voltage
5
BAT_PATH_COMP_VCLAMP[2]
0
000: Disable
001: VBAT + 60mV
010: VBAT + 120mV
011: VBAT + 180mV
100: VBAT + 240mV
101: VBAT + 300mV
110: VBAT + 360mV
111: VBAT + 420mV
Battery path impedance compensation voltage
clamp:
4
BAT_PATH_COMP_VCLAMP[1]
0
3
BAT_PATH_COMP_VCLAMP[0]
0
2
BAT_PATH_COMP [2]
0
000: Disable
001: 20m
Ω
010: 40m
Ω
011: 60m
Ω
100: 80m
Ω
101: 100m
Ω
110: 120m
Ω
111: 140m
Ω
Battery Charging path impedance compensation
1
BAT_PATH_COMP[1]
0
0
BAT_PATH_COMP[0]
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com