Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 30 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 30 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 26Page - Qorvo, Inc ACT2861 Datasheet HTML 27Page - Qorvo, Inc ACT2861 Datasheet HTML 28Page - Qorvo, Inc ACT2861 Datasheet HTML 29Page - Qorvo, Inc ACT2861 Datasheet HTML 30Page - Qorvo, Inc ACT2861 Datasheet HTML 31Page - Qorvo, Inc ACT2861 Datasheet HTML 32Page - Qorvo, Inc ACT2861 Datasheet HTML 33Page - Qorvo, Inc ACT2861 Datasheet HTML 34Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
30 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
30V
20V
10V
10V
20V
VBAT
Buck Mode
Boost Mode
A
B
C
D
Figure 7: ACT2861 Operating Modes
PFM/PWM Operation
At light loads, the ACT2861 operates in the PFM (pulse
skipping) mode to reduce switching losses in Charge
mode and OTG mode. PFM mode can be disabled by
the I2C bit OTG_DIS_PFM/CHG_DIS_PFM in register
0x10h. Setting this bit to 0 enables PFM mode. Setting
this bit to 1 forces PWM mode. This bit controls both
Charge mode and OTG mode.
Out-of-Audio Mode
When the IC operates in PFM mode, it reduces the
switching frequency. At very light loads, the IC can
switch in the audio range. The ACT2861 features an
Out-of-Audio mode that prevents switching below
31.25kHz. Set the I2C bit AudioFreqLimit = 1 to enable
this feature.
GENERAL DESCRIPTION
Startup
When power is first applied, the ACT2861 always starts
up in SHIP mode. If only a battery is present, the IC re-
mains in SHIP mode until the SHIPM pin is pulled to
ground. The IC then enters HIZ mode where its internal
LDO, VREG, is enabled. In HIZ mode, the IC can com-
municate via I2C.
If power is applied to VIN, the ACT2861 powers up into
SHIP mode and then transitions to HIZ mode when the
voltage goes above 3.9V. At this time, the internal POK,
power ok, signal is released and all registers are reset
to their default values.
Depending on the EN_CHG and nOTG inputs, the IC
then either stays in HIZ mode or moves to the OTG or
CHARGE modes.
VREG LDO
The ACT2861 contains a 100mA internal linear regula-
tor that can be used to power other circuity in the system.
VREG is enabled when the IC enters HIZ mode and the
following two conditions are valid:
VIN is above UVLO (3.9V) or VBAT is above VBATU-
VLO (3.9V)
I2C bit VREG_DIS in register 0x01h = 0. This register bit
can be programmed Hi or Low from the factory to match
system level requirements.
The VREG output voltage is programmable between
2.0V and 5.1V in 100mV steps via I2C bits VREG[4:0] in
register 0x11h.
VVREG = 2.0V + 0.1V * VREG[4:0].
Where VREG[4:0] is the decimal equivalent of the value
in this register. For example, if VREG[4:0] = 01101b (13
decimal), the output voltage = 2.0V + 0.1V * 13 = 3.3V.
The VREG input can come from either the VIN pin or
the VBAT pin. The ACT2861 contains a Smart Diode
Selector input that minimizes power dissipation by se-
lecting the lower of these two input sources. When the
IC operates in OTG Mode or Charger Mode, the IC pow-
ers VREG from the lower of the VIN or VBAT pins. How-
ever, if the lower voltage pin cannot provide the head-
room needed to regulate VREG, it selects the higher
voltage pin. When the converter is in HIZ mode, VREG
is powered from VIN when possible. If VIN is not present
or is not high enough to support the programmed output
voltage, VREG is powered from VBAT.
The Smart Diode Selector can be overridden and man-
ual control can be selected using the I2C bits
VREG_OVERRIDE and VREG_SELECT in register
0x0Bh. When VREG_OVERRIDE = 0, the Smart Diode
Selector is active. When VREG_OVERRIDE = 1, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com