Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 94 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 94 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 89Page - Qorvo, Inc ACT2861 Datasheet HTML 90Page - Qorvo, Inc ACT2861 Datasheet HTML 91Page - Qorvo, Inc ACT2861 Datasheet HTML 92Page - Qorvo, Inc ACT2861 Datasheet HTML 93Page - Qorvo, Inc ACT2861 Datasheet HTML 94Page - Qorvo, Inc ACT2861 Datasheet HTML 95Page - Qorvo, Inc ACT2861 Datasheet HTML 96Page - Qorvo, Inc ACT2861 Datasheet HTML 97Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 94 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
94 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
REG 0x1F: IRQ Control 2 R/W (VM)
Bit
Name
Description
Comment
7
nIRQ_FET_OC
0
0: FET Overcurrent
triggers nIRQ pin
1: Masks nIRQ
If set to 0, a FET Overcurrent condition activates
the nIRQ pin
Setting to 1, masks CHG done states to nIRQ
6
nIRQ_Watchdog
0
0: Watchdog timer
expired triggers nIRQ
1: Masks nIRQ
If set to 0, a watchdog timeout activates the
nIRQ pin
Setting to 1, masks the fault nIRQ
5
nIRQ_OTG_HICCUP
0
0: OTG Mode enter
Hiccup state nIRQ
1: Masks nIRQ
If set to 0, OTG Mode entering Hiccup state
activates the nIRQ pin
Setting to 1, masks hiccup mode to nIRQ
4
nIRQ_OTG_LL
0
0: OTG Mode enter Light
Load state on nIRQ
1: Masks nIRQ
If set to 0, OTG Mode entering Light Load
Disable state activates the nIRQ pin
Setting to 1, masks light load disable state to
nIRQ
3
nIRQ_A2D_DATA
0
0: A2D Data Ready
1: Masks A2D Data
Ready nIRQ
If set to 0, a rising edge on A2D Data Ready
activates the nIRQ pin
Setting to 1, masks the A2D Data Ready to nIRQ
2
nIRQ_HIZ
0
0: Enter HIZ Mode
1: Masks Enter HIZ Mode
nIRQ
If set to 0, a rising edge when entering HIZ State
activates the nIRQ pin
Setting to 1, masks the HIZ Enter to nIRQ
1
nIRQ_CHG_SUSPEND
0
0: Enter charge suspend
mode
1: Masks Enter charge
suspend mode nIRQ
If set to 0, a rising edge when entering a
suspend state in charge mode activates the
nIRQ pin
Setting to 1, masks the charge suspend enter to
nIRQ
0
nIRQ_OTG_BATTEMP
0
0: OTG BAT Temp Fault
1: Masks OTG BAT Temp
Fault nIRQ
If set to 0, a rising edge caused by Battery Temp
HOT or COLD in OTG Mode activates the nIRQ
pin
Setting to 1, masks the nIRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com