Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 33 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 33 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 29Page - Qorvo, Inc ACT2861 Datasheet HTML 30Page - Qorvo, Inc ACT2861 Datasheet HTML 31Page - Qorvo, Inc ACT2861 Datasheet HTML 32Page - Qorvo, Inc ACT2861 Datasheet HTML 33Page - Qorvo, Inc ACT2861 Datasheet HTML 34Page - Qorvo, Inc ACT2861 Datasheet HTML 35Page - Qorvo, Inc ACT2861 Datasheet HTML 36Page - Qorvo, Inc ACT2861 Datasheet HTML 37Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
33 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
Apply a valid input voltage to the VIN pin for more than
32ms.
Pull the SHIPM pin to ground for greater than 32ms.
IC always transitions to the HIZ MODE before moving
to the CHARGE or OTG modes.
After the IC has exited SHIP MODE, there are three
ways it can be put back into SHIP MODE.
1.
The IC automatically enters Ship mode when
the VIN and VBAT voltages drop below 1V.
2.
Write a 1 into I2C bit SHIPM_ENTER in register
0x00h. After the write command is complete,
the IC stays enabled for 1s to allow the system
to properly power down. After 1s, the IC enters
SHIP MODE and the SHIPM_ENTER bit is re-
set to 0. During the 1s timer count down, the
SHIPM_ENTER bit stays high. Writing a 0 into
SHIPM_ENTER before the 1s timer expires re-
sets the timer and cancels the command.
3.
Pull the SHIPM pin above 4.5V for 32ms. This
function is immediately edge triggered after
32ms, and there no 1s delay.
While in SHIP MODE, the SHIPM pin is pulled up to ap-
proximately 3V with a 1M
Ω pullup resistor. Once IC has
exited SHIP MODE, the SHIPM pin is pulled to GND
with a 1Meg resistor to reduce quiescent current.
If SHIP MODE is not required, connect the SHIPM pin
to GND. With this configuration, when power is applied
to VIN or VBAT, the IC powers up into SHIP MODE for
32ms and then moves into HIZ mode. Note that the
SHIPM pin has a 1.5V logic threshold (1.5V) so it can
be diode OR’ed with a diode to external circuitry like a
Push Button or digital output from an external GPIO.
HIZ Mode
The ACT2861 HIZ mode is a low power state where the
buck-boost converter is disabled. The LDO can be ena-
bled or disabled by I2C bit VREG_EN in register 0x01h.
The IC always starts up in SHIP MODE and then tran-
sitions to HIZ mode before going to either OTG or
Charge mode. If OTG or Charge modes are not enabled,
the IC stays in HIZ state indefinitely. Refer to the Charg-
ing and OTG sections for the details to transition from
HIZ mode to those modes.
To enter HIZ mode from SHIP mode, pull VIN pin high
or pull the SHIPM pin low for > 32ms. The IC enters HIZ
mode from OTG or Charge modes when OTG or charg-
ing are disabled or if a 1 is written into I2C bit HIZ in
register 0x00h.
Thermal Shutdown
The ACT2861 has thermal shutdown protection that dis-
ables the buck-boost converter when IC junction tem-
perature exceeds TSHUT (160°C). The fault register TSD
is set to 1 and latched when a TSD fault is detected. In
Charge Mode and OTG Mode, the converter restarts
automatically after the junction temperature falls below
TSHUT - TSHUT_HYST, or approximately 160°C - 30°C =
130°C. After the system restarts, the TSD bit is latched
until it is read by I2C.
FET Over Current Protection
The ACT286x closely monitors the HSFETs and
LSFETs currents for safe operation. If any FET exceeds
the maximum cycle-by-cycle current limit threshold set
by I2C bit FET_ILIMIT in register 0x01h, the FET is im-
mediately turned off for that switching cycle. Two
thresholds of 8.5A and 10A are available. If a FET de-
tects the current limit for eight continuous cycles, the
buck-boost converter is latched off. This protection is
valid in both Charger Mode and OTG Mode.
After FET Overcurrent protection is triggered, there are
two ways to clear the fault to let the converter resume
normal
operation.
First
is
to
set
I2C
bit
DIS_OCP_SHUTDOWN = 1 in register 0x01h. It can
also be cleared by putting the IC into HIZ mode. In OTG
mode, toggle the nOTG pin to put the IC into HIZ mode
and then restart OTG mode. In Charge mode, toggle the
EN_CHG pin.
Overcurrent protection can be disabled by setting the
I2C bit DIS_OCP_SHUTDOWN = 1.
Watchdog Timer
The ACT2861 contains a watchdog timer to detect sys-
tem level communication failures. The watchdog timer
requires the host to periodically write a 1 into I2C bit
WATCHDOG_RESET in register 0x00h. If the host
latches up or is unable to perform the write command
before the watchdog timer times out, the IC enters
FAULT mode and disables the switching converter. The
timer resets after each write to WATCHDOG_RESET.
WATCHDOG_RESET is an auto-clearing register. It au-
tomatically resets back to 0 after it is set to 1.
The timeout value is controlled by I2C bit WATCH-
DOG[1:0] in register 0x01h. It can be set between 80s
and 320s. If the IC is used in stand-alone operation, the
watchdog timer can be disabled by setting WATCH-
DOG[1:0] = 00.
WATCHDOG is always disabled in HIZ Mode and can-
not be enabled in HIZ. In addition, the timer is reset to 0
when entering HIZ mode and automatically starts count-
ing when exiting HIZ mode into OTG or Charge Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com