Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 82 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 82 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 78Page - Qorvo, Inc ACT2861 Datasheet HTML 79Page - Qorvo, Inc ACT2861 Datasheet HTML 80Page - Qorvo, Inc ACT2861 Datasheet HTML 81Page - Qorvo, Inc ACT2861 Datasheet HTML 82Page - Qorvo, Inc ACT2861 Datasheet HTML 83Page - Qorvo, Inc ACT2861 Datasheet HTML 84Page - Qorvo, Inc ACT2861 Datasheet HTML 85Page - Qorvo, Inc ACT2861 Datasheet HTML 86Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
82 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
REG 0x0F: OTG Mode Control 2 (R/W) (NVM)
Bit
Name
Description
Comment
7
OTG_VBAT_CUTOFF[2]
0
000: VBAT_LOW
001: VBAT_LOW -0.2V
010: VBAT_LOW -0.4V
011: VBAT_LOW -0.6V
100: VBAT_LOW -0.8V
101: VBAT_LOW -1.0V
110: VBAT_LOW -1.2V
111: VBAT_LOW -1.4V
Battery Cut Off threshold for OTG mode to operate.
Referenced from VBAT_LOW level.
6
OTG_VBAT_CUTOFF[1]
1
5
OTG_VBAT_CUTOFF[0]
0
4
EN_OTG_nCHG
0
0: Disable
1: Enable
If EN_OTG_nCHG bit is 1, the IC pulls the nCHG pin
low in OTG mode to indicate the converter is running
in OTG.
If OTG is disabled for any reason, such as VIN Fault
or VBAT Cuttoff level, etc, nCHG goes high.
If set to 0, nCHG is always HIZ in OTG Mode.
3
OTG_CORD_COMP[1]
0
00: Disable
01: 100mV
10: 200mV
11: 300mV
OTG Cord Compensation at 2.4A Load with 10m
Ω
resistor
2
OTG_CORD_COMP[0]
0
1
OTG_EN_DLY[1]
1
00: 0ms
01: 200ms
10: 500ms
11: 1s
The delay before enabling the OTG output from the
nOTG pin or OTG register bit.
0
OTG_EN_DLY[0]
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com