Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 86 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 86 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 82Page - Qorvo, Inc ACT2861 Datasheet HTML 83Page - Qorvo, Inc ACT2861 Datasheet HTML 84Page - Qorvo, Inc ACT2861 Datasheet HTML 85Page - Qorvo, Inc ACT2861 Datasheet HTML 86Page - Qorvo, Inc ACT2861 Datasheet HTML 87Page - Qorvo, Inc ACT2861 Datasheet HTML 88Page - Qorvo, Inc ACT2861 Datasheet HTML 89Page - Qorvo, Inc ACT2861 Datasheet HTML 90Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
86 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
REG 0x14: OTG Output Voltage 2 (R/W) (NVM)
Bit
Name
Description
Comment
7
OTG_VOUT[6]
1
1280 mV
Internal divider network
Offset: 2.96V
Range: 2.96V (000_0000_0000) to 23.42V
(111_1111_1111)
6
OTG_VOUT[5]
1
640 mV
5
OTG_VOUT[4]
0
320 mV
4
OTG_VOUT[3]
1
160 mV
3
OTG_VOUT[2]
0
80 mV
2
OTG_VOUT[1]
1
40 mV
1
OTG_VOUT[0]
1
20 mV
0
NA
0
No Function
REG 0x15: Input Current Limit (R/W) (NVM)
Bit
Name
Description
Comment
7
DIS_IIN_Limit
0
0: Enable
1: Disable
Disable input current limit
6
IINLIM[6]
1
64%
The input current limit scaling factor relative to the
hardware programmed ILIM current setting.
Range: 1% (000_0001) to 100% (110_0100)
Setting 110_0100 to 111_1111 = 100%
Setting 000_0000 to 000_0001 = 1%
5
IINLIM[5]
0
32%
4
IINLIM[4]
0
16%
3
IINLIM[3]
0
8%
2
IINLIM[2]
0
4%
1
IINLIM[1]
1
2%
0
IINLIM[0]
1
1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com