Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 67 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 67 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 63Page - Qorvo, Inc ACT2861 Datasheet HTML 64Page - Qorvo, Inc ACT2861 Datasheet HTML 65Page - Qorvo, Inc ACT2861 Datasheet HTML 66Page - Qorvo, Inc ACT2861 Datasheet HTML 67Page - Qorvo, Inc ACT2861 Datasheet HTML 68Page - Qorvo, Inc ACT2861 Datasheet HTML 69Page - Qorvo, Inc ACT2861 Datasheet HTML 70Page - Qorvo, Inc ACT2861 Datasheet HTML 71Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
67 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
0x17
OTG Output Current
Limit
NVM
R/W
7-bit, 0 ~ 100%, LSB = 1%, Default = 100%
0x64h
0x18
Fast Charge Current
NVM
R/W
7-bit, 0 ~ 100%, LSB = 1%, Default = 100%
0x32h
0x19
Pre-Charge &
Termination Current
NVM
R/W
4-bit, 0 ~ 20%, LSB = 1%, Default = 10%
0x00h
0x1A
Battery Low Voltage
NVM
R/W
8-bit, 2.5 ~ 15.2V, LSB = 100mV, default = 3V
0x0Ah
0x1B
Safety Timer
NVM
R/W
5-bit, 0.5 ~ 16V, LSB = 0.5Hr, default = 10Hr
0x1Fh
0x1C
JEITA
NVM
R/W
JEITA Charge Voltage/Current Setting
0x1Ah
0x1D
Temperature Setting
NVM
R/W
High/Low Temperature Thresholds
0x8Bh
0x1E
IRQ Control 1
VM
R/W
IRQ Mask Control
0x00h
0x1F
IRQ Control 2
VM
R/W
0x00h
0x20
OTG Status
VM
R
OTG Status
0x00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com