Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 78 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 78 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 74Page - Qorvo, Inc ACT2861 Datasheet HTML 75Page - Qorvo, Inc ACT2861 Datasheet HTML 76Page - Qorvo, Inc ACT2861 Datasheet HTML 77Page - Qorvo, Inc ACT2861 Datasheet HTML 78Page - Qorvo, Inc ACT2861 Datasheet HTML 79Page - Qorvo, Inc ACT2861 Datasheet HTML 80Page - Qorvo, Inc ACT2861 Datasheet HTML 81Page - Qorvo, Inc ACT2861 Datasheet HTML 82Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
78 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
REG 0x0B: Charger Control 1 (R/W) (NVM)
Bit
Name
Description
Comment
7
VBAT_OV_DEGLITCH_EN
1
0: No Deglitch on OV
Fault
1: Deglitch of 40msec
In charge mode, deglitch for VBAT_OV to stop
charging and enter Fault Mode.
6
VBAT_SHORT[2]
0
000: 4V
( 2X2V )
001: 5V
( 2X2.5V )
010: 6V
( 3X2V)
011: 7.5V ( 3X2.5V)
100: 8V
( 4X2V )
101: 10V ( 4X2.5V )
110: 10V ( 5X2V )
111: 12.5V ( 5X2.5V)
Battery Short voltage threshold
Cross over from ISHRT to
IPRECHRG Current
5
VBAT_SHORT[1]
0
4
VBAT_SHORT[0]
1
3
VBAT_SHORT_CURRENT[1]
1
00: 1%
01: 2%
10: 4%
11: 8%
Battery charge current when VBAT less than VBAT
Short Voltage
2
VBAT_SHORT_CURRENT[0]
0
1
VREG_OVERRIDE
0
0: Automatic Control
1: Manual Control
0: The IC automatically selects the correct VREG
input supply
1: Forces the IC to use the VREG input supply
defined by the VREG_SELECT register.
0
VREG_SELECT
0
0: VIN Supply
1: VBAT Supply
Defines the VREG input power source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com