Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 91 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 91 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 87Page - Qorvo, Inc ACT2861 Datasheet HTML 88Page - Qorvo, Inc ACT2861 Datasheet HTML 89Page - Qorvo, Inc ACT2861 Datasheet HTML 90Page - Qorvo, Inc ACT2861 Datasheet HTML 91Page - Qorvo, Inc ACT2861 Datasheet HTML 92Page - Qorvo, Inc ACT2861 Datasheet HTML 93Page - Qorvo, Inc ACT2861 Datasheet HTML 94Page - Qorvo, Inc ACT2861 Datasheet HTML 95Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
91 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
REG 0x1C: JEITA (R/W) (NVM)
Bit
Name
Description
Comment
7
DIS_LDO_TSHUT
0
0: Enabled
1: Disabled
Disables the Thermal Shutdown for the LDO
regulator. This should be set to 0
6
DIS_JEITA
0
0: Use JEITA profile
settings below
1: Use OTG_COLD and
OTG_HOT settings to
disable charge modes
5
JEITA_VSETH [2]
0
000: VTERM
001: VTERM-200mV
010: VTERM-300mV
011: VTERM-400mV
100: VTERM-450mV
101: VTERM-500mV
110: VTERM-600mV
111: VTERM-750mV
JEITA Warm (45°C-60°C) Temperature Voltage
Setting
DIS_JEITA = 0
4
JEITA_VSETH[1]
1
3
JEITA_VSETH[0]
1
2
JEITA_ISETH
0
0: 50% of ICHG
1: 100% of ICHG
Fast Charge Current Only
JEITA Warm (45°C-60°C) Temperature Current
Setting
Percentage with respect to ICHG register
DIS_JEITA = 0
Notes:
1. Result for 50% is rounded down
Example: 15% IFCHG at 50% reduction
results in 7% output
2. Result minimum is always 1%
Example: 1% IFCHG setting at 50%
reduction is still 1%
1
JEITA_ISETC[1]
1
00: Charge Suspend
01: 25% of ICHG
10: 50% of ICHG
11: 100% of ICHG
Fast Charge Current
JEITA Low (0°C-10°C) Temperature Current
Setting
Percentage with respect to ICHG register
DIS_JEITA = 0
Notes:
1. Result for 50% and 25% is rounded down
Example: 15% IFCHG setting at 50% results
in 7% output
2. Result minimum is always 1%
Example: 2% IFCHG setting at 25%
reduction is still 1%
0
JEITA_ISETC[0]
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com