Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 73 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 73 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 69Page - Qorvo, Inc ACT2861 Datasheet HTML 70Page - Qorvo, Inc ACT2861 Datasheet HTML 71Page - Qorvo, Inc ACT2861 Datasheet HTML 72Page - Qorvo, Inc ACT2861 Datasheet HTML 73Page - Qorvo, Inc ACT2861 Datasheet HTML 74Page - Qorvo, Inc ACT2861 Datasheet HTML 75Page - Qorvo, Inc ACT2861 Datasheet HTML 76Page - Qorvo, Inc ACT2861 Datasheet HTML 77Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
73 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
REG 0x05: Faults 1 (Read only) (VM)
Bit
Name
Description
Comment
7
nIRQ_Clear
0
0: Normal Status
1: Clear IRQ output
Write this bit to 1 to clear the IRQ output. The bit will self-
clear to a 0 once the write occurs. If a fault still occurs, then
nIRQ pin may stay asserted low.
Register 0x02 Bit 6 provides a real time status of the nIRQ
output.
6
CHG_TIMER_EXPIR
ED
0
0: No Fault
1: Timer Expired
The VBAT LOW or Fast Charge Safety timer has expired –
Charge Only Mode.
Read to clear this latching fault bit.
Note: Reading this bit will not reset the fault timers. If the
fault timers are high, this bit will get set again immediately
after the read.
See the Safety Timer section on how to reset the Safety
Timers.
5
CHG_VBAT_OV
0
0: No Fault
1: VBAT OV
VBAT Overvoltage protection Charge Mode.
Read to clear this latching fault bit.
4
VREG_OC_UVLO
0
0: No Fault
1: VREG OC or UVLO
VREG_LDO Overcurrent or UVLO Charge Mode or OTG
Mode.
Read to clear this latching fault bit.
The fault mask bits DIS_CHG_VREG_FLT and
DIS_OTG_VREG_FLT registers do not affect this fault bit. It
will always get indicated here to notify the user.
Note: There is a 100msec restart delay for OC faults on the
VREG LDO, so the delay must expire before this bit can be
reset with a read to clear.
3
TSD
0
0: No Fault
1: Over Temperature
Die Thermal Shutdown in Charge mode or OTG Mode.
This bit is latching. Read this bit to clear the value back to 0.
This bit is not cleared if the fault is still present.
2
FET_OC
0
0: No Fault
1: Input OC
FET Overcurrent Shutdown in Charge mode or OTG Mode.
This bit is latching. Read this bit to clear the value back to 0.
This bit is not cleared if the fault is still present
1
CHG_MODE_INPUT
_OV
0
0: No Fault
1: Input Over Voltage
VIN OV in Charge Mode
Read to Clear latching Bit.
In Charge Mode, the OV fault time will be set by the delay
time in the VIN_OV_RESTART_DELAY Register. This 40ms
or 100usec delay must expire before a read to clear will
reset this register bit.
0
CHG_MODE_INPUT
_UV
0
0: No Fault
1: Charge VIN Under
Voltage
VIN UV in Charge Mode
Read to Clear latching Bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com