Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 31 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 31 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 27Page - Qorvo, Inc ACT2861 Datasheet HTML 28Page - Qorvo, Inc ACT2861 Datasheet HTML 29Page - Qorvo, Inc ACT2861 Datasheet HTML 30Page - Qorvo, Inc ACT2861 Datasheet HTML 31Page - Qorvo, Inc ACT2861 Datasheet HTML 32Page - Qorvo, Inc ACT2861 Datasheet HTML 33Page - Qorvo, Inc ACT2861 Datasheet HTML 34Page - Qorvo, Inc ACT2861 Datasheet HTML 35Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
31 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
VREG input is determined by VREG_SELECT. When
VREG_SELECT = 0, the input is VIN. When VREG_SE-
LECT = 1, the input is VBAT.
If VREG LDO is overloaded or not within spec, the buck-
boost
converter
shuts
down,
and
I2C
fault
bit
VREG_OC_UVLO in register 0x05h is set to 1.
Additionally, if VREG is held in current limit for more
than 90us, it shuts down for 100ms to prevent damage.
It tries to restart after 100ms. It continues this cycle until
the current limit condition is removed. VREG also con-
tains UVLO detection, which is set to 88% of the pro-
grammed output voltage.
If the VREG output is in current limit for 90usec, or the
VREG voltage is below the UVLO threshold while the IC
is in Charge mode, the charger state machine moves to
the FAULT state and stops charging. If in OTG mode,
the OTG state machine moves to the OTG_RST state.
In both cases, the buck-boost converter stops switching.
VREG can be programmed to ignore an overvoltage or
undervoltage fault with I2C bits DIS_CHG_VREG_FLT
in register 0x0Dh and DIS_OTG_VREG_FLT in register
0x10h. If these bits are set to 1, Charge or OTG mode
continue to operate through the fault condition.
VREG requires a high quality, low-ESR, ceramic output
capacitor. A 1uF is typically suitable, but this value can
be increased without limit. The output capacitor should
be a X5R, X7R, or similar dielectric. The effective output
capacitance must be greater than 0.7uF to ensure LDO
stability.
VREG contains a fixed 250us soft-start to reduce inrush
current.
Interrupt Output Pin (nIRQ)
The nIRQ output pin can be used to signal a fault or
other system effects. The conditions below can assert
the nIRQ pin. All fault conditions can be individually
masked using the I2C nIRQ Control Registers 0x1Eh,
0x1Fh, and 0x20h. To clear the interrupt and de-assert
the nIRQ pin, write a 1 into I2C bit nIRQ_CLEAR in reg-
ister 0x05h. nIRQ_CLEAR is a self-clearing register bit.
nIRQ_CLEAR always returns a 0 when read, even after
it is set to 1.
General nIRQ Fault Conditions
1.
Watchdog Expired - If the watchdog timer ex-
pires at any time, it asserts nIRQ. This is a level
sensitive function. The watchdog timer must be
reset or disabled and a 1 must be written into
nIRQ_CLEAR to de-asserted nIRQ.
2.
VREG LDO Overcurrent or Under-voltage
Lockout - Any time the VREG LDO is in over-
current or under-voltage lockout, nIRQ is as-
serted. This is a level sensitive function. VREG
must be in regulation AND a 1 must be written
into nIRQ_CLEAR to deassert nIRQ. If the
VREG LDO is in the 100ms shutdown wait pe-
riod, it will not clear the nIRQ output. This fault
is detected in HIZ mode, Charge Mode, and
OTG Mode.
3.
Battery voltage is lower than VBAT_GOOD – Any
time the VBAT pin voltage falls below the
VBAT_GOOD threshold, nIRQ is asserted. This is
an edge triggered function after a 16ms deglitch.
Write 1 to into nIRQ_CLEAR to deassert nIRQ.
VBAT_GOOD is not checked in HIZ mode, so nIRQ
is not triggered in HIZ mode. If VBAT is lower
than VBAT_GOOD in HIZ mode, nIRQ is not trig-
gered, but it is immediately triggered when the
IC moves into the Charge or OTG modes.
4.
Over Temperature Shut Down - Any time the
die temperature exceeds the TSHUT (160°C)
threshold, nIRQ is asserted. This is a level sen-
sitive function. The die temperature must be be-
low the TSHUT_HYST AND a 1 must be written into
nIRQ_CLEAR to deassert nIRQ. Die TSD is
active in all modes.
5.
FET Overcurrent Fault – If the IC is disabled
from switching because of a FET overcurrent
fault, nIRQ is asserted. This is a level sensitive
function. This fault is latched, so the latch must
cleared by manually going into HIZ Mode AND
a 1 must be written into nIRQ_CLEAR to deas-
sert nIRQ. This fault can only be triggered in
CHG or OTG mode.
6.
ADC Data Ready – If the ADC is enabled, and
a conversion is completed, nIRQ is asserted.
This is an edge triggered event. A 1 must be
written into nIRQ_CLEAR to deassert nIRQ.
This is active in all modes when the ADC is en-
abled.
7.
HIZ Enter – The ACT2861 asserts nIRQ when
it enters HIZ mode. This is an edge triggered
event. 1 must be written into nIRQ_CLEAR to
deassert nIRQ. The IC asserts nIRQ when en-
tering HIZ mode to signal a fault or other condi-
tion that might have caused the IC to jump out
of charge mode or OTG mode un-expectantly.
8.
I2C Fault – If an I2C command takes more than
100ms between the start bit and the stop bit,
nIRQ is asserted. This is an edge triggered
event. The I2C state machine clears out any
partial data, resets, and waits for another start
bit for another I2C command. The state ma-
chine clears and restarts the 100ms timer when
it receives the next start bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com