Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 95 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 95 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 89Page - Qorvo, Inc ACT2861 Datasheet HTML 90Page - Qorvo, Inc ACT2861 Datasheet HTML 91Page - Qorvo, Inc ACT2861 Datasheet HTML 92Page - Qorvo, Inc ACT2861 Datasheet HTML 93Page - Qorvo, Inc ACT2861 Datasheet HTML 94Page - Qorvo, Inc ACT2861 Datasheet HTML 95Page - Qorvo, Inc ACT2861 Datasheet HTML 96Page - Qorvo, Inc ACT2861 Datasheet HTML 97Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 95 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
95 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
REG 0x20: IRQ / OTG Status (R/W) (VM)
Bit
Name
Description
Comment
7
nIRQ_I2C_ERROR
0
0: I2C Fault
1: Masks I2C Fault
nIRQ
If set to 0, a fault on the I2C command / I2C bus
activates the nIRQ Pin
Setting to 1, masks the nIRQ
6
OTG_BATTERY_CC
0
0: OTG Input from
battery no in current
limit
1: OTG input from
battery is regulating in
Constant Current Mode
OTG Mode Only
Real Time status
This is the current measured on the VBAT side using
OSRP and OSRN during OTG Mode controlled by
the OTG_BAT_ILIM Register
5
OTG_OUTPUT_CC
0
0: OTG Output
regulating using voltage
loop
1: OTG output is
regulating in Constant
Current Mode
OTG Mode Only
Real Time status
This is the current measured on the VIN side using
ISRP and ISRN during OTG Mode controlled by the
OTG_CC Register
4
VBAT_CUTOFF_OTG
0
0: VBAT above
VBAT_CUTOFF_OTG
1: VBAT below
VBAT_CUTOFF_OTG
OTG Mode only
Real time status – For latched fault, see the Fault
Registers
3
VBAT_OV_OTG
0
0: VBAT below OV
1: VBAT above OV
OTG Mode only
Real time status – For latched fault, see the Fault
Registers
2
OTG_STATUS[2]
0
000: OTG_RST
001: OTG_SS
010: OTG_REG
011: OTG_HICCUP
100: OTG_LL_DIS
State machine for OTG status
Note: When not in OTG State, status is always
RESET (000)
101 – 111: Not Valid
1
OTG_STATUS[1]
0
0
OTG_STATUS[0]
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com