Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 66 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 66 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 62Page - Qorvo, Inc ACT2861 Datasheet HTML 63Page - Qorvo, Inc ACT2861 Datasheet HTML 64Page - Qorvo, Inc ACT2861 Datasheet HTML 65Page - Qorvo, Inc ACT2861 Datasheet HTML 66Page - Qorvo, Inc ACT2861 Datasheet HTML 67Page - Qorvo, Inc ACT2861 Datasheet HTML 68Page - Qorvo, Inc ACT2861 Datasheet HTML 69Page - Qorvo, Inc ACT2861 Datasheet HTML 70Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
66 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
I2C REGISTERS
The register map section provides a basic understanding of the ACT2861 registers. Note that the default values refer-
ence the CMI 201 settings.
Register
Register Name
Type
R/W
Description
Default
0x00
Master Control 1
VM
R/W
Configure various device options
0x00h
0x01
Master Control 2
NVM
R/W
0x34h
0x02
General Status
VM
R
Device status
0x00h
0x03
Charger Status
VM
R
Charger status
0x00h
0x04
Temperature Status
VM
R
Charger temperature status
0x00h
0x05
Fault 1
VM
R
Device Faults
0x00h
0x06
Fault 2
VM
R
0x00h
0x07
ADC Output 1
VM
R
ADC Output
0x00h
0x08
ADC Output 2
VM
R
0x00h
0x09
ADC Configuration 1
VM
R/W
ADC configuration bits
0x00h
0x0A
ADC Configuration 2
VM
R/W
0x00h
0x0B
Charge Control VBAT
Short
NVM
R/W
Configure various charger options
0x98h
0x0C
Charge Control 2
NVM
R/W
Configure various charger options
0x40h
0x0D
Charge Control 3
NVM
R/W
Configure various charger options
0x49h
0x0E
OTG Mode Control 1
NVM
R/W
Configure OTG mode options
0xADh
0x0F
OTG Mode Control 2
NVM
R/W
Configure OTG mode options
0x43h
0x10
OTG Control 3
NVM
R/W
Configure Converter options
0x78h
0x11
Battery Regulation
Voltage 1
NVM
R/W
11-bit, 5V ~ 22.5V, LSB = 10mV, Default = 8.4V
0xF1h
0x12
Battery Regulation
Voltage 2
NVM
R/W
0x54h
0x13
OTG Output Voltage 1
NVM
R/W
10-bit, 3.0 ~ 23.42V, LSB = 20mV, Default = 5.1V
0xA0h
0x14
OTG Output Voltage 2
NVM
R/W
0xD6h
0x15
Input Current Limit
NVM
R/W
7-bit, 0 ~ 100%, LSB = 1%, Default = 100%
0x43h
0x16
Input Voltage Limit
NVM
R/W
8-bit, 4 ~ 16.7V, LSB = 100mV, default = 4.4V
0x05h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com