Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 17 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 17 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 13Page - Qorvo, Inc ACT2861 Datasheet HTML 14Page - Qorvo, Inc ACT2861 Datasheet HTML 15Page - Qorvo, Inc ACT2861 Datasheet HTML 16Page - Qorvo, Inc ACT2861 Datasheet HTML 17Page - Qorvo, Inc ACT2861 Datasheet HTML 18Page - Qorvo, Inc ACT2861 Datasheet HTML 19Page - Qorvo, Inc ACT2861 Datasheet HTML 20Page - Qorvo, Inc ACT2861 Datasheet HTML 21Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
17 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
I2C INTERFACE ELECTRICAL CHARACTERISTICS
(VIN = 12V, VBAT = 7.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
SCL, SDA Input Low
VILO
VIO = 1.8V
0.4
V
SCL, SDA Input High
VIHI
VIO = 1.8V
1.25
V
SDA Leakage Current
IOH
SDA = 5V
1
µA
SDA Output Low
VOL
IOL = 5mA
0.4
V
SCL Clock Frequency
fSCL
0
1000
kHz
SCL Low Period
tSCL_LOW
0.5
us
SCL High Period
tSCL_HI
0.26
us
SDA Data Setup Time
tSU
50
ns
SDA Data Hold Time
tHD
0
ns
Start Setup Time
tST
260
ns
Stop Setup Time
tSP
260
ns
Capacitance on SCL or SDA PIN
CIN
10
pF
Noise suppression on SCL and
SDA
tDEGLITCH
50
ns
I2C Timeout Function
tout
Total time required for I2C communication to
cause I2C state machine to reset
100
ms
Note1: Comply with I2C timings for 1MHz operation - “Fast Mode Plus”.
Note2: No internal timeout for I2C operations, however, I2C communication state machine will be reset when entering UV/POR State.
Note3: This is an I2C system specification only. Rise and fall time of SCL & SDA not controlled by the IC.
Note4: IC Address is factory configurable to 7’h24, 7’h66.
Figure 2: I2C Data Transfer
SDA
SCL
tST
tSU
tHD
tSP
tSCL
Start
condition
Stop
condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com