Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 48 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 48 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 44Page - Qorvo, Inc ACT2861 Datasheet HTML 45Page - Qorvo, Inc ACT2861 Datasheet HTML 46Page - Qorvo, Inc ACT2861 Datasheet HTML 47Page - Qorvo, Inc ACT2861 Datasheet HTML 48Page - Qorvo, Inc ACT2861 Datasheet HTML 49Page - Qorvo, Inc ACT2861 Datasheet HTML 50Page - Qorvo, Inc ACT2861 Datasheet HTML 51Page - Qorvo, Inc ACT2861 Datasheet HTML 52Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
48 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
Automatic Polling Conversion
Configure the IC for automatic polling conversion mode
by setting the following I2C bits in register 0x09h
ADC_ONE_SHOT = 0
ADC_CH_SCAN = 1
DIS_ADCBUF = 0
Start the automatic polling by changing EN_ADC to 1.
When in automatic polling mode, the ADC continuously
changes the MUX inputs to read all input channels. The
ADC continually overwrites the data in the output regis-
ter. After all channels have been converted, the
ADC_DATA_READY bit is set to 1. Note that nIRQ is
not asserted low in Automatic Polling mode. Ensure that
ADC
data
is
valid
and
ready
by
reading
the
ADC_DATA_READY before reading ADC data. After
the ADC_DATA_READY bit is set to 1, the user defines
the channel to be read with the ADC_CH_READ [2:0]
bits in register 0x0Ah. Change ADC_CH_READ to read
additional channels.
Table 14 shows the equations to convert the ADC data
into the actual measured values. Note that the table re-
fers to the voltages and currents with respect to Charge
mode.
Note that the klim term in the Output Current measure-
ment depends on IC’s operating mode and the
OTG_BAT_ILIM register setting (I2C register 0x10h).
Table 15 shows how to determine the correct klim value.
Table 14: ADC Channels
Channel
Channel Description
ADC_CH_CONV[2:0] ADC_CH_READ[2:0]
Value
CH0
Input Current (IIN)
000
000
IIN = 0.7633*(ADC_OUT[13:2]-2048)
/RCS_IN/RlLIM
CH1
Input Voltage (VIN)
001
001
VIN = 0.02035*(ADC_OUT[13:2]-2048)
CH2
Output Voltage (VBAT)
010
010
VBAT = 0.01527*(ADC_OUT[13:2]-2048)
CH3
Output Current (IBAT)
011
011
IBAT = klim*0.7633*( ADC_OUT[13:2]-
2048)/RCS_OUT/ROLIM
CH4
TH
100
100
VTH = 0.003053*( ADC_OUT[13:2]-2048)
CH5
Die Temperature
101
101
TJ = 0.2707* ADC_OUT[13:2] - 809.49
CH6
ADC Input
110
110
VADC = 0.001527*(ADC_OUT[13:2]-2048)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com