Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 50 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 50 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 46Page - Qorvo, Inc ACT2861 Datasheet HTML 47Page - Qorvo, Inc ACT2861 Datasheet HTML 48Page - Qorvo, Inc ACT2861 Datasheet HTML 49Page - Qorvo, Inc ACT2861 Datasheet HTML 50Page - Qorvo, Inc ACT2861 Datasheet HTML 51Page - Qorvo, Inc ACT2861 Datasheet HTML 52Page - Qorvo, Inc ACT2861 Datasheet HTML 53Page - Qorvo, Inc ACT2861 Datasheet HTML 54Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
50 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
PC board layout guidance
Proper parts placement and PCB layout are critical to
the operation of switching power supplies. Follow the
following
layout
guidelines
when
designing
the
ACT2861 PCB. Refer to the Qorvo ACT2861 Evaluation
Kit for layout guidance.
1.
Place the ceramic input and output capacitors
as close as possible to the IC. Connect the in-
put capacitors directly between VIN and PGND
pins on the top layer. Connect the output capac-
itors directly between VBAT and PGND pins on
the top layer. Use 1206 sized capacitors to al-
low for proper switch pin routing. Note that the
input and output capacitor placement is critical.
Qorvo strongly recommends following the EVK
input capacitor and output capacitor placement
and routing. The bulk input and output capacitor
placement is not as critical. Bulk capacitors
should be placed on the opposite side of the
sense resistors from the ceramic capacitors.
2.
Minimize the switch node trace lengths be-
tween the SW1 and SW2 pins and the inductor.
Optimal switch node routing is to run the traces
between the input and output capacitors’ pads.
Using 1206 or larger sized capacitors is recom-
mended. Avoid routing sensitive analog signals
near these high frequency, high dV/dt traces.
Qorvo strongly recommends following the EVK
inductor placement and PCB routing.
3.
The VBATS pin should be Kelvin connected to
the battery. Keep this trace away from the SW1
and SW2 traces to prevent noise injection. The
IC regulates the battery voltage to this Kelvin
connection.
4.
The PGND and AGND ground pins must be
electrically connected together. The AGND
ground plane should be isolated from the rest
of the PCB power ground. These two ground
pins should be connected together right at the
IC.
5.
Connect the exposed pad directly to the top
layer PGND pins and ground plane. Connect
the top layer ground plane to both internal
ground planes and the PCB backside ground
plane with thermal vias. Provide ground plane
routing on multiple layers to allow the IC’s heat
to flow into the PCB and then spread radially
from the IC. Avoid cutting the ground planes or
adding vias that restrict the radial flow of heat.
6.
Make Kelvin connections to the ILIM and OLIM
current sense resistors. Route the current
sense signals close to each other and keep
them away from noisy switching signals.
7.
The current sense filter capacitors and induc-
tors should be placed directly by their respec-
tive ISRP, ISRN, OSRP, and OSRN pins.
8.
Remember that all open drain outputs need
pull-up resistors.
9.
The following components should be con-
nected to the AGND plane.
ILIM resistor
OLIM resistor
COMP resistor and capacitors
VREG bypass capacitor
INTBP bypass capacitor
10. The ACT2861 footprint must connect the VIN
pins 23, 24, and 35 on the top layer. It must con-
nect the SW1 pins 21, 22, and 34 on the top
layer. It must connect the SW2 pins 18, 19, and
33 on the top layer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com