Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 83 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 83 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 79Page - Qorvo, Inc ACT2861 Datasheet HTML 80Page - Qorvo, Inc ACT2861 Datasheet HTML 81Page - Qorvo, Inc ACT2861 Datasheet HTML 82Page - Qorvo, Inc ACT2861 Datasheet HTML 83Page - Qorvo, Inc ACT2861 Datasheet HTML 84Page - Qorvo, Inc ACT2861 Datasheet HTML 85Page - Qorvo, Inc ACT2861 Datasheet HTML 86Page - Qorvo, Inc ACT2861 Datasheet HTML 87Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
83 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
REG 0x10: OTG Mode Control 3 (R/W) (NVM)
Bit
Name
Description
Comment
7
OTG_OUTPUT_SLEW[1]
0
00: 1V/ms
01: 0.5V/ms
10: 0.33V/ms
11: 0.1V/ms
If OTG Mode is set to internal Feedback and output
voltage is changed using the OTG_VOUT register for
QC2.0/3.0 or USB PD voltage ramp, this register
controls the rate at which the output voltage changes.
6
OTG_OUTPUT_SLEW[0]
1
5
OTG_PULLDOWN_RAMP
1
0: Disable
1: Enable
If OTG_PULLDOWN_RAMP is set to 1 and OTG_I2C
is set to 0 for internal Feedback, an internal current
source pulls down on the OTG output during a ramp
down of the output voltage. This allows the OTG
output to meet the QC 2.0/3.0 and USB PD ramp
timing requirements.
4
OTG_PULLDOWN_OV
1
0: Disable
1: Enable
If OTG_PULLDOWN_OV is set to 1, the pulldown
current source pulls down on the OTG output during
any OV condition on the output.
3
OTG_BAT_ILIM[1]
1
00: Disable
01: 150% of
IFCHG
10: 200% of
IFCHG
11: 150% of
IFCHG
The OTG input current limit scaling factor relative to
the hardware programmed OLIM current setting.
2
OTG_BAT_ILIM[0]
0
1
DIS_OTG_VREG_FLT
0
0: Enable
1: Disable
If set to 0, an Overcurrent or UVLO fault on the VREG
will stop OTG mode. If set to 1, OTG mode will
continue with fault on VREG.
0
OTG_DIS_PFM
0
0: Enable
1: Disable
Disable PFM mode in OTG or Charge mode to set a
fixed switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com