Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 41 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 41 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 37Page - Qorvo, Inc ACT2861 Datasheet HTML 38Page - Qorvo, Inc ACT2861 Datasheet HTML 39Page - Qorvo, Inc ACT2861 Datasheet HTML 40Page - Qorvo, Inc ACT2861 Datasheet HTML 41Page - Qorvo, Inc ACT2861 Datasheet HTML 42Page - Qorvo, Inc ACT2861 Datasheet HTML 43Page - Qorvo, Inc ACT2861 Datasheet HTML 44Page - Qorvo, Inc ACT2861 Datasheet HTML 45Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
41 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
Table 6: Fast Charge Safety Timer Response
Condition
Charge Response
Fast Charge Safety Timer Speed
Normal Fast Charge
NONE
Full Speed
VIN Input Regulation
Reduced Charge Current
½ Speed
IIN Input Current Regulation
Reduced Charge Current
½ Speed
Thermal Die Regulation
Reduced Charge Current
½ Speed
Battery Temp Exceed Limits
Suspend Charge
Suspend
Battery Temp Hot or Cold
Reduced Charge Current or
VTERM
½ Speed
Table 7: Low Battery Safety Timer Response
Condition
Charge Response
Low Battery Safety Timer Speed
Normal SCOND or PCOND Charge
NONE
Full Speed
VIN Input Regulation
Reduced Charge Current
½ Speed
IIN Input Current Regulation
Reduced Charge Current
½ Speed
Thermal Die Regulation
Reduced Charge Current
½ Speed
Battery Temp Exceeds JEITA T0 or T6 Limits
Suspend Charge
Suspend
Battery Temp Exceeds JEITA T1-T2 or T3-T5 Limits
NONE
Full Speed
Safety Timer Configuration Change
When the safety timer value needs to be changed, it is
recommended that the timer is first disabled. Then
change the FC_SAFETY_TIMER[4:0] register. Disable
the
safety
timer
by
writing
a
1
into
I2C
bit
DIS_SAFETY_TIMER in register 0x1Bh. This proce-
dure ensures the safety timer properly restarts after new
value is configured.
Charger – Input Capacitor Selection
Note that the Charger CIN capacitors are also the OTG
output capacitors. They are connected to VIN. The input
capacitance should be a combination of ceramic and
bulk capacitance.
If the design only uses Charge mode and does not use
OTG mode, 22uF to 47uF capacitors are typically ac-
ceptable, but the final value is application dependent.
Choose the input capacitor value to keep the input volt-
age ripple less than ~50mV. The input capacitance can
be increased without limit.
CCHG_IN=I������������������������������������∗VBATVIN∗�1−VBATVIN�
FSW∗Vripple
Where CCHG_IN is the charging input capacitance (OTG
output capacitance) in uF, ICHG is the charging current in
Amperes, VBAT is the battery voltage in volts, VIN is the
input voltage in volts, FSW is the switching frequency in
Hz, and Vripple is the maximum input voltage ripple in
volts.
An additional 100uF bulk electrolytic capacitor is recom-
mended.
If the design uses OTG Mode, refer to the OTG Output
Capacitor Selection. The OTG Mode capacitor require-
ments take precedence over Charging input capaci-
tance.
Be sure to consider the input capacitor’s DC bias effects.
A capacitor’s actual capacitance is strongly affected by
its DC bias characteristics. The input capacitor is typi-
cally an X5R, X7R, or similar dielectric. Use of Y5U, Z5U,
or similar dielectrics is not recommended.
Input capacitor placement is critical for proper operation.
The input ceramic capacitor must be placed as close to
the IC as possible. The traces from VIN to the capacitor
and from the capacitor to PGND should as short and
wide as possible. Refer to the Layout Guidelines selec-
tion and to the EVK layout for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com