Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 26 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 26 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 22Page - Qorvo, Inc ACT2861 Datasheet HTML 23Page - Qorvo, Inc ACT2861 Datasheet HTML 24Page - Qorvo, Inc ACT2861 Datasheet HTML 25Page - Qorvo, Inc ACT2861 Datasheet HTML 26Page - Qorvo, Inc ACT2861 Datasheet HTML 27Page - Qorvo, Inc ACT2861 Datasheet HTML 28Page - Qorvo, Inc ACT2861 Datasheet HTML 29Page - Qorvo, Inc ACT2861 Datasheet HTML 30Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
26 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
Figure 5: OTG State Machine Diagram
back to the reset state and disable the converter. Dur-
ing this state, the converter can be disabled with a light
load condition. Additionally, if the output drops below
VOTG_UVP (3.0V), the IC will go into a hiccup mode to pro-
tect the output in a shorted condition.
OTG Light Load Disable State (OTG_LL_DIS)
In the state, the converter is disabled to minimize load
on the battery. It prevents the converter from switching
with no load.
The state machine enters OTG_LL_DIS when it senses
a light load for longer than the light load time out time.
This time is set by I2C bit OTG_OFF_DLY[1:0] in regis-
ter 0x0Eh. Note that the converter only enters
OTG_LL_DIS when operating in buck mode. It does not
enter OTG_LL_DIS when in boost or buck-boost mode.
The state machine can only exit OTG_LL_DIS when the
IC exits the OTG Mode by the nOTG pin or HIZ register.
OTG Hiccup / Vout Fault State (OTG_HICCUP)
This state is a fault state that minimizes overall IC power
dissipation in extreme output overload conditions.
The state machine enters this state when the OTG out-
put cannot support the load. When the OTG output
reaches the maximum programmed output current, it
clamps the current and the voltage starts to drop. If the
load increases, the output voltage drops even further. If
it drops below VOTG_UVP (3.0V), the converter is disabled
for 3s. After 3s, it automatically moves to OTG_RST and
restarts. If there is a fault on the output, this cycle con-
tinues until the fault is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com