Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 25 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 25 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 21Page - Qorvo, Inc ACT2861 Datasheet HTML 22Page - Qorvo, Inc ACT2861 Datasheet HTML 23Page - Qorvo, Inc ACT2861 Datasheet HTML 24Page - Qorvo, Inc ACT2861 Datasheet HTML 25Page - Qorvo, Inc ACT2861 Datasheet HTML 26Page - Qorvo, Inc ACT2861 Datasheet HTML 27Page - Qorvo, Inc ACT2861 Datasheet HTML 28Page - Qorvo, Inc ACT2861 Datasheet HTML 29Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
25 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
When in the FAULT state, the nCHG pin blinks at a 1HZ
rate to indicate a fault condition.
OTG STATE MACHINE
The ACT2861 has a dedicated OTG state machine.
This state machine handles the startup, normal opera-
tion and fault conditions in OTG mode.
OTG Reset State (OTG_RST)
The OTG state machine always starts from the
OTG_RST state. All OTG operation starts from this
state. In this state, the switcher is disabled and the state
machine is waiting for all the required conditions to
move to the OTG_SS state.
After all the following fault conditions are cleared, the IC
starts the OTG Enable Delay Timer. This timer is con-
trolled by I2C bit OTG_EN_DLY[1:0] in register 0x0Fh.
Once the timer has expired, the state machine moves
to the OTG_SS state.
OTG Reset Faults:
OTG_VBAT_CUTOFF voltage: This fault is active
when the battery voltage is lower than the programmed
OTG battery cutoff voltage. The cutoff voltage is set by
I2C bit OTG_VBAT_CUTOFF in register 0x0Fh. This
fault self-clears when VBAT is higher than the OTG bat-
tery cutoff voltage.
VREG LDO OK – This fault is set when an LDO fault is
detected. This includes the 100msec timeout period.
This fault automatically clears when the VREG LDO has
exited the faulted condition. Note: This fault can be
masked to allow the state machine to exit OTG_RST
while there is a fault on the VREG LDO by using the I2C
bit DIS_OTG_VREG_FLT in register 0x10 Bit 1.
OTG HOT or OTG COLD: This fault is active if the bat-
tery temperature as detected on the TH pin is above or
below the programmed temperature thresholds. This
fault self-clears when the battery temperature goes
back into the allowable range.
Watchdog Timer Fault: This fault is active if the watch-
dog timer is enabled and the timer times out. This fault
clears when the watchdog timer is reset or cleared. It
can be reset by writing a 1 into the I2C bit WATCH-
DOG_RESET in register 0x00h. It can be cleared by
disabling the watchdog timer by setting I2C bits
WATCHDOG[1:0] = 0x00h.
During this state, the Fast Charge Safety and Low Bat-
tery Safety Timer timers are suspended and held at their
current value.
FET Overcurrent Fault: This fault is set if a switching
FET exceeds the cycle-by-cycle current limit for 8 (or 16)
consecutive cycles. The FET_OC fault is latched. To
clear this latch, the IC must exit the OTG mode and en-
ter HIZ mode. This is typically accomplished by toggling
the nOTG pin or setting the HIZ register to 1.
VBAT Overvoltage: This fault is set if VBAT exceeds
the VOTG_BAT_OV voltage. The OV fault self-clears when
VBAT drops below VOTG_BAT_OV and the IC exits the
OTG_RST state.
Die Thermal Shutdown (TSD): This fault is active
when die temperature exceeds the TSHUT (160°C) tem-
perature. This fault self-clears when the die temperature
cools down by the temperature hysteresis, TSHUT_HYST
(30°C). This fault cannot be cleared or masked. The IC
must cool down before exiting the OST_RST state.
OTG Softstart State (OTG_SS)
In this state, the IC enables the converter and softstarts
the OTG output voltage.
The state machine enters OTG_SS from the OTG_RST
state when all faults are cleared. The state machine
transitions to the OTG_REG state after the OTG output
is softstarted an in regulation.
The softstart time is controllable by the I2C bit OTG_SS
in register 0x0Eh. If a fault occurs during the softstart,
the state machine jumps back to the OTG_RST state
and disables the converter. Once the soft start is done,
the IC jumps to the OTG_REG state.
OTG Regulation State (OTG_REG)
The normal regulation occurs in the OTG_REG state.
If a major fault occurs during operation the IC will jump



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com