Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 90 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 90 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 86Page - Qorvo, Inc ACT2861 Datasheet HTML 87Page - Qorvo, Inc ACT2861 Datasheet HTML 88Page - Qorvo, Inc ACT2861 Datasheet HTML 89Page - Qorvo, Inc ACT2861 Datasheet HTML 90Page - Qorvo, Inc ACT2861 Datasheet HTML 91Page - Qorvo, Inc ACT2861 Datasheet HTML 92Page - Qorvo, Inc ACT2861 Datasheet HTML 93Page - Qorvo, Inc ACT2861 Datasheet HTML 94Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
90 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
REG 0x1B: Safety Timer (R/W) (NVM)
Bit
Name
Description
Comment
7
RFU
0
Reserved for future use. Do not change this register value.
6
DIS_SAFETY_TIMER
0
0: Enable
1: Disable
Disables both the Fast Charge and VBAT Low safety timers.
This also resets both safety timers. When this bit is set to 1, the
timers are held in reset (at 0). When this bit is written back to 0,
the timers start counting.
5
SUSPEND_SAFETY_TIMER
0
0: Counting
1: Suspend
If this is set to 1, both the Fast Charge and VBAT Low Safety
Timers stop counting and retain their current timer value. When
this bit is written back to 0, the counter resumes counting from
where it was suspended. If the counter is disabled during a
suspend condition using the DIS_SAFETY_TIMER bit, the
counter is reset to 0, even if suspended. It is then held at 0
until SUSPEND_SAFETY_TIMER is set to 0.
DIS_SAFTETY_TIMER reset has priority over
SUSPEND_SAFETY_TIMER.
4
FC_SAFETY_TIMER[4]
1
8 hours
Timer setting for the Fast Charge State only. When this timer
expires, Fast charging stops and sets the Timer Expired bit.
Range: 0.5 (00000) ~ 16 hours (11111)
Default: 10 hours (10011)
Offset: 0.5 hour
3
FC_SAFETY_TIMER[3]
1
4 hours
2
FC_SAFETY_TIMER[2]
1
2 hours
1
FC_SAFETY_TIMER[1]
1
1 hours
0
FC_SAFETY_TIMER[0]
1
30 mins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com