Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 42 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 42 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 38Page - Qorvo, Inc ACT2861 Datasheet HTML 39Page - Qorvo, Inc ACT2861 Datasheet HTML 40Page - Qorvo, Inc ACT2861 Datasheet HTML 41Page - Qorvo, Inc ACT2861 Datasheet HTML 42Page - Qorvo, Inc ACT2861 Datasheet HTML 43Page - Qorvo, Inc ACT2861 Datasheet HTML 44Page - Qorvo, Inc ACT2861 Datasheet HTML 45Page - Qorvo, Inc ACT2861 Datasheet HTML 46Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
42 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
The bulk capacitor should be placed on the left side of
the current sense resistor.
Charger – Output Capacitor Selection
Note that the Charger COUT capacitor is also the OTG
input capacitor. It is connected directly to VBAT pin. The
capacitor should be dedicated high quality, low-ESR,
ceramic capacitor that is optimally placed to minimize
the power routing. 22uF to 47uF capacitors are typically
acceptable, but the final value is application dependent.
Choose the output capacitor value to keep the charger
output voltage ripple less than ~50-100mV. The output
capacitor can be increased without limit.
CCHG_OUT=ICHG∗VBATVIN∗�1−V������������������������������������VIN�
FSW∗Vripple
Where CCHG_OUT is the charging output capacitance in
uF, ICHG is the charging current in Amperes, VBAT is the
battery voltage in volts, VIN is the input voltage in volts,
FSW is the switching frequency in Hz, and Vripple is the
maximum output voltage ripple in volts.
The ceramic capacitor PCB placement is critical. Refer
to the Layout Guidelines selection and to the EVK layout
for details.
Be sure to consider the input capacitor’s DC bias effects.
A capacitor’s actual capacitance is strongly affected by
its DC bias characteristics. The output capacitor is typi-
cally an X5R, X7R, or similar dielectric. Use of Y5U, Z5U,
or similar dielectrics is not recommended. Output ca-
pacitor placement is critical for proper operation. The
output capacitor must be placed as close to the IC as
possible. The traces from VBAT to the capacitor and
from the capacitor to PGND should as short and wide
as possible.
The bulk capacitor should be placed on the right side of
the current sense resistor.
OTG MODE
The ACT2861 supports on-the-go, OTG, mode buck-
boost converter operation. In this mode, the IC delivers
power from the battery to power other portable devices.
OTG Enable / Disable
The ACT2861 can only enter OTG mode from HIZ mode.
Note that if the IC is commanded to enter both OTG
mode and Charge mode at the same time, OTG mode
takes precedence. When in HIZ mode, OTG mode can
be enabled by the nOTG pin or I2C. In either case, the
I2C bit EN_OTG in register 0x0Eh must be = 1 to enable
OTG mode. Then pull the nOTG pin low to enter OTG
mode.
OTG Mode can also be enabled with the I2C bits
OTG_EN and OTG_EN_OVERRIDE in register 0x0Eh.
Setting OTG_EN = 1 enables OTG mode. Then set
OTG_EN_OVERRIDE = 1 to enter OTG mode. Note
that the OTG_EN_OVERRIDE bit overrides the nOTG
pin. Figure 14 shows both the hardware and I2C condi-
tions required to enter OTG mode.
Note that in all cases, the I2C bit HIZ in register 0x00h
must be = 0 to enter OTG mode. When HIZ = 1, the IC
is forced into HIZ mode and both OTG mode and
Charge mode are disabled.
HIZ bit = 0
OTG_EN bit = 1
nOTG pin = 0
OTG_EN_OVERRIDE bit = 1
HIZ to
OTG
Mode
Figure 14: Conditions to Enter OTG Mode from HIZ
Mode
After the IC is in OTG mode, the conditions to exit OTG
mode change. When OTG mode is disabled, the IC
state machine must go to HIZ mode or to SHIP mode.
There are several ways to disable OTG mode and go to
HIZ mode.
1.
Set the I2C HIZ bit = 1
2.
Set the I2C OTG_EN bit = 0
3.
Pull the nOTG pin high and set the I2C
OTG_EN_OVERRIDE bit = 0.
4.
The IC also exits OTG mode if there is an OTG
overvoltage condition for longer than 100ms.
OTG mode can also be disabled by putting the IC into
SHIP mode.
HIZ bit = 1
OTG_EN bit = 0
nOTG pin = 1
OTG_EN_OVERRIDE bit = 0
OTG to
HIZ
Mode
OTG_VOUT_OV bit = 1
100ms deglitch
Figure 15: Conditions to Enter HIZ Mode from OTG
Mode
OTG Output Voltage Setting
The OTG output voltage is programmable between
2.96V and 23.42V in 20mV steps via by I2C bits
OTG_VOUT[9:0] in registers 0x13h and 0x14h.
������������������������������������������������=2.96������������+20������������������������∗������������������������������������_������������������������������������������������[9:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com