Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 44 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 44 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 40Page - Qorvo, Inc ACT2861 Datasheet HTML 41Page - Qorvo, Inc ACT2861 Datasheet HTML 42Page - Qorvo, Inc ACT2861 Datasheet HTML 43Page - Qorvo, Inc ACT2861 Datasheet HTML 44Page - Qorvo, Inc ACT2861 Datasheet HTML 45Page - Qorvo, Inc ACT2861 Datasheet HTML 46Page - Qorvo, Inc ACT2861 Datasheet HTML 47Page - Qorvo, Inc ACT2861 Datasheet HTML 48Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
44 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
bits OTG_BAT_ILIM[1:0] in register 0x10h scale the
current. See the Setting Charge Current section for
details on programming ICHG.
Table 8: OTG I2C Input Current Limit Setting
OTG_BAT_ILIM[1:0]
Register Setting
OTG Input Current
00
OTG Disabled
01
150% of ICHG
10
200% of ICHG
11
150% of ICHG
When the OTG output current exceeds the maximum
programmed value, the switching converter changes to
input constant current mode and regulates a fixed input
current. The OTG regulation mode can be monitored in
real time by I2C bit OTG_BATTERY_CC in register
0x20h. When this bit = 0, the IC is not in OTG constant
current mode. When this bit = 1, the IC is regulating in
input constant current mode. If the output drops below
3V, the IC assumes an output fault has occurred and
disables the output for 3s. It follows the same flow as an
output current fault.
OTG Mode VIN Over-Voltage Protection
When in OTG mode, the IC provides power out of the
IC’s input. An input voltage should not be applied during
OTG Mode. To detect a possible plug in of a higher sup-
ply on VIN during OTG mode, the IC detects an over-
voltage condition on VIN (OTG output) and immediately
stops switching. The OTG overvoltage threshold is fixed
at 108% of the programmed OTG voltage. If the OV
condition lasts for more than 100ms, the IC exits OTG
Mode and enters HIZ Mode.
OTG – Cord Compensation
ACT286x provides cord compensation at the OTG out-
put. This feature compensates for system level voltage
drops due to PCB, connector, and wiring resistances.
These resistances reduce the output voltage at the load.
The ACT286x features Cord Compensation which al-
lows the user to compensate for these system level re-
sistances by increasing the OTG voltage regulation set
point proportional to the OTG output current. The output
voltage increases linearly with increasing load current.
The I2C OTG_CORD_COMP[1:0] bits in register 0x0F
set the Cord Comp value.
The Cord Compensation value is normalized to RCS_IN =
10mΩ and a 2.4A OTG load current. It scales linearly
with changes in current sense resistance or load current.
Note that the RCS_IN resistor is both the charging input
current limit resistor and the OTG output current limit
resistor.
������������������������������������������������������������_������������������������������������������������=������������������������������������������������_������������������������������������������������_������������������������������������������������∗������������������������������������������������2.4������������∗������������������������������������_������������������������0.01Ω
Where VOTG_CORD_COMP is the I2C Cord Compensation
value of 100mV, 200mV, or 300mV per Table 9, IOTG is
the actual OTG output current in Amperes, and RCS_IN is
the current sense value in Ohms.
Table 9: OTG Cord Comp Setting
OTG_CORD_COMP[1:0]
Setting
Cord Comp
Value
Equivalent
System
Resistance
00
0 (Disabled)
0m
Ω
01
100mV
41.7m
Ω
10
200mV
83.3m
Ω
11
300mV
125.0m
Ω
Light Load Disable
The ACT2861 includes a Light Load Disable function in
OTG mode. This function disables OTG mode and puts
the IC into HIZ mode when the load drops very low. This
condition typically happens when the ACT2861 OTG
output is charging a portable device. When the portable
device is fully charged, the output current drops to 0A.
Light Load Disable minimizes battery current consump-
tion and extends battery life when the OTG output is not
needed.
Light Load Disable is available when the IC is operating
in OTG mode, the switcher is operating in buck mode,
VBAT is higher than VIN by a minimum of 0.5V, and the
OTG Output Voltage is less than 6V. Enable Light Load
Disable by setting I2C bit OTG_OFF_LOAD_EN in reg-
ister 0x0Eh = 1. Setting this bit = 0 disables the feature.
The minimum current is set to 5mA typical. The current
must be low for longer than the time set in I2C bit
OTG_OFF_DLY[1:0]. This time can programmed to 10s,
20s, or 30s.
Once the OTG state machine has detected a light load
condition, it enters the OTG_LL_DIS state. The IC must
exit OTG mode and re-enter OTG mode to restart the
converter. This is typically accomplished by toggling the
nOTG pin, but can also be accomplished via I2C.
OTG – Output Voltage DVS
The ACT2861 is ideally suited for many industry stand-
ard charging protocols such as USB PD3.0, QC2.0,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com