Electronic Components Datasheet Search
  English  ▼

X  

ACT2861 Datasheet(PDF) 37 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 37 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 33Page - Qorvo, Inc ACT2861 Datasheet HTML 34Page - Qorvo, Inc ACT2861 Datasheet HTML 35Page - Qorvo, Inc ACT2861 Datasheet HTML 36Page - Qorvo, Inc ACT2861 Datasheet HTML 37Page - Qorvo, Inc ACT2861 Datasheet HTML 38Page - Qorvo, Inc ACT2861 Datasheet HTML 39Page - Qorvo, Inc ACT2861 Datasheet HTML 40Page - Qorvo, Inc ACT2861 Datasheet HTML 41Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
37 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
From Input
Supply
RCS_IN
RILIM
RISRP
RISRN
CISR
ISRN
ISRP
VIN
ILIM
RCS_COMP
CCS_COMP
Figure 12: Input Current Circuitry
The current sense resistor and ILIM resistor set the IILIM
current.
������������������������������������������������������������= 1000������������2������������
������������������������������������������������������������∗������������������������������������_������������������������
Where RILIM is the resistor from the ILIM pin to AGND
and RCS_IN is the current sense resistor value in ohms.
The term 1000V^2/A is a constant with the units
volts^2/Ampere.
The current sense resistor, RCS_IN, has the same limita-
tions as RCS_OUT. At lower charging currents, additional
RC compensation must be placed in parallel with ROLIM.
Table 4 is also valid for the input current limit circuitry.
The input current limit circuitry, RISRP = RISRN = 30.1ohm
and CISR also have the same input filter requirements as
the charge circuitry.
If the system operates in input current limit mode, the
INPUT_IINLIM_STATUS bit in register 0x03h goes high.
While the input current limit is active, both the Low Bat-
tery Safety Timer and Fast Charge Safety Timer run at
a half speed to increase the overall safety timer timeout.
The actual input current can also be externally meas-
ured with the ILIM pin. The ILIM voltage is directly pro-
portional to the charging current. The following equation
calculates the actual input current.
������������������������������������=������������������������������������������������������������������������������������������������������������������������2������������
Where IILIM is the hardware programmed input current
limit in amps and VILIM is the voltage measured at the
ILIM pin.
Note that the input current in charge mode becomes the
output current in OTG mode.
Charging – Minimum Input Voltage Limit
The input voltage limit feature is used to prevent the
charger from overloading USB or weak input power
sources. If the input voltage drops due to an overloaded
input source, the ACT2861 starts regulating the mini-
mum programmed input voltage to prevent the voltage
from dropping farther. When in charge mode, this effec-
tively lowers the charge current to maintain a minimum
input voltage.
The minimum input voltage threshold is programmable
between 4V and 16.7V in 100mV steps via I2C bits VIN-
LIM[6:0] in register 0x16h. The following equation sets
the minimum input voltage threshold.
������������������������������������������������������������������������=4.0������������+0.1������������∗������������������������������������������������������������������������[6:0]
Where VINLIM[6:0] is the decimal equivalent of the
value in this register. For example, to prevent a 12V in-
put source from dropping below 9V, VINLIM[6:0] =
0110010b (50 decimal), the minimum input voltage =
4.0V + 0.1V * 50 = 9.0V.
If system is in input voltage limit, the INPUT_VIN-
LIM_STATUS bit in register 0x03h goes high.
While the input voltage limit is active, both the Low Bat-
tery Safety Timer and Fast Charge Safety Timer run at
a half speed to increase the overall safety timer timeout.
Battery Thermal Control
The ACT2861 TH pin can be used to monitor the battery
temperature. An NTC resistor connected between TH
and AGND provides temperature information. Battery
temperature monitoring is valid in both Charge mode
and OTG mode. If the battery temperature is outside the
programmed upper and lower thresholds, the charger
reports a fault and stops charging.
The ACT2861 provides two temperature monitoring al-
gorithms. The first is the comprehensive industry stand-
ard JEITA compliance. The second is a simple I2C reg-
ister based high and low temperature threshold. To en-
able either method, I2C bit DIS_TH in register 0x01h
MUST be set to 0. If this bit is set to 1, the TH input is
ignored. If thermal monitoring is not required, either con-
nect a 10kΩ resistor between the TH pin and AGND or
write a 1 into DIS_TH.
Figure 13 shows the TH pin internal circuitry. When
thermal monitoring is enabled, the constant current
source flows through the external NTC resistor, which
gives a voltage vs temperature curve. The internal com-
parators give the ACT2861 information about the bat-
tery’s operating temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com