Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 17 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 13Page - NXP Semiconductors IMX93CEC Datasheet HTML 14Page - NXP Semiconductors IMX93CEC Datasheet HTML 15Page - NXP Semiconductors IMX93CEC Datasheet HTML 16Page - NXP Semiconductors IMX93CEC Datasheet HTML 17Page - NXP Semiconductors IMX93CEC Datasheet HTML 18Page - NXP Semiconductors IMX93CEC Datasheet HTML 19Page - NXP Semiconductors IMX93CEC Datasheet HTML 20Page - NXP Semiconductors IMX93CEC Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 123 page
background image
Cortex A55 Platform
CPU #0
L1 Cache
L3 Controller & SCU
VDD_SOC
VDD_BBSM_0P8
NVCC_XXX
NVCC_XXX
VDD_ANA_0P8
VDD_USB_3P3
VDD_USB_0P8
VDD2_DDR
VDD_DRAM_PLL_0P8
AONMIX, ANAMIX,
HSIOMIX, CCMSRCGPCMIX
BBSM_LP Logic
BBSM I/O
eFuse
3.3V GPIO PAD
1.8V GPIO PAD
PLLs
MIPI PHYs
DRAM PLL
0.65 V
0.80 V
0.85 V
0.9 V
3.3 V
1.8 V
1.8 V BBSM
1.1V
DRAM I/O
VDDA_1P8_XTAL
VDD_USB_1P8
VDDA_1P8_TSENSE
VDDA_1P8_EFUSE
VDD_ANAx_1P8
VDDA_1P8_PLL
VDDD_0P8_PLL
NVCC_BBSM_1P8
VDD_ARM_PLL_1P8
VDD_ARM_PLL_0P8
ARM PLL
0.8 V LDO
Regulator
VDD_DRAM_PLL_1P8
WAKEUPMIX logic
WAKEUPMIX
NIC_CENTRAL, GIC-600
SoC Top-level
DRAM Controller
DDRMIX
L2 Cache
NICMIX
LCDIF, ISI, MIPI
Controller, PXP
MEDIAMIX
ADC
VDDA_1P8_ADC *
3.3/1.8 V
SD Card GPIOPAD
OCRAM
Filter
DRAM PHY
NVCC_SD
Temperature Sensor
XTAL
VDDA_0P8_TSENSE
0.8 V
Analog
CPU #1
L1 Cache
L2 Cache
L3 Cache Memory
USB PHYs
LVDS PHY
Optional 0.6 V
DRAM I/O
(LPDDR 4x only)
VDDQ_DDR
VDD_MIPI_0P8
VDD_MIPI_1P8
VDD_LVDS_1P8
ML IP
MLMIX
Figure 3. Power architecture of I.MX 93 family of processors
Note: If ADC is used, external voltage reference is recommended for VDD_ANAx_1P8 to improve the ADC ENOB.
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
17 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com