Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 68 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 64Page - NXP Semiconductors IMX93CEC Datasheet HTML 65Page - NXP Semiconductors IMX93CEC Datasheet HTML 66Page - NXP Semiconductors IMX93CEC Datasheet HTML 67Page - NXP Semiconductors IMX93CEC Datasheet HTML 68Page - NXP Semiconductors IMX93CEC Datasheet HTML 69Page - NXP Semiconductors IMX93CEC Datasheet HTML 70Page - NXP Semiconductors IMX93CEC Datasheet HTML 71Page - NXP Semiconductors IMX93CEC Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 123 page
background image
Table 71. LPI2C module timing parameters[1] ...continued
Symbol
Description
Min
Max
Unit
Notes
Fast mode Plus (Fm+)
0
1000
High speed mode (Hs-mode) 0
3400
Ultra Fast mode (UFm)
0
5000
[1] For more details, see
UM10204 I2C-bus specification and user manual.
[2] Standard, Fast, Fast+, and Ultra Fast modes are supported; High speed mode (HS) in target mode.
4.12.6 Improved Inter-Integrated Circuit Interface (I3C) specifications
Unless otherwise specified, I3C specifications are timed to/from the VIH and/or VIL signal points.
The DSE[5:0] = 001111 and FSEL1[1:0] = 11 are required drive settings to meet the timing.
4.12.6.1 I3C Push-Pull Timing Parameters for SDR Mode
I3C interface is not supported on GPIO-Standard-plus pad type for 5 V operation. Measurements are with maximum output load
of 30 pf, input transition of 1 ns.
Table 72. I3C Push-Pull Timing Parameters for SDR Mode
Symbol
Description
Min
Typ
Max
Unit
Condition
fSCL
SCL Clock Frequency
0.01
12.5
12.9
MHz
FSCL = 1 / (tDIG_L +
tDIG_H)
tDIG_L
SCL Clock Low Period [1][2]
32
—
—
ns
—
tDIG_H
SCL Clock High Period [1]
32
—
—
ns
—
tSCO
Clock in to Data Out for Slave [3]
[4]
—
—
12
ns
—
tCR
SCL Clock Rise Time [5]
—
—
150e06 *
1 / fSCL
(capped
at 60)
ns
—
tCF
SCL Clock Fall Time [5]
—
—
150e06 *
1 / fSCL
(capped
at 60)
ns
—
tHD_PP
SDA Signal Data Hold in Push-
Pull Mode, Slave [6]
1
—
—
—
Applicable for slave
and master loopback
modes
tSU_PP
SDA Signal Data Setup in Push-
Pull Mode
3
—
N/A
ns
Applicable for slave
and master loopback
modes.
[1] tDIG_L and tDIG_H are the clock Low and High periods as seen at the receiver end of the I3C Bus using VIL and VIH (see Figure 30)
[2] As both edges are used, the hold time needs to be satisfied for the respective edges; i.e., tCF + 3 for falling edge clocks, and tCR + 3 for rising edge clocks.
[3] Devices with more than 12ns of tSCO delay shall set the limitation bit in the BCR, and shall support the GETMXDS CCC to allow the Master to read this value
and adjust computations accordingly. For purposes of system design and test conformance, this parameter should be considered together with pad delay, bus
capacitance, propagation delay, and clock triggering points.
[4] Pad delay based on 90 Ω / 4 mA driver and 50 pF load. Note that Master may be a Slave in a multi-Master system, and thus shall also adhere to this
requirement
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
68 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com