Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 18 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 14Page - NXP Semiconductors IMX93CEC Datasheet HTML 15Page - NXP Semiconductors IMX93CEC Datasheet HTML 16Page - NXP Semiconductors IMX93CEC Datasheet HTML 17Page - NXP Semiconductors IMX93CEC Datasheet HTML 18Page - NXP Semiconductors IMX93CEC Datasheet HTML 19Page - NXP Semiconductors IMX93CEC Datasheet HTML 20Page - NXP Semiconductors IMX93CEC Datasheet HTML 21Page - NXP Semiconductors IMX93CEC Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 123 page
background image
4.1.4 Operating ranges
Table 13 provides the operating ranges of the i.MX 93 processors. For details on the chip's power structure, see the "Clock and
Power Overview" chapter of the
i.MX 93 Reference Manual (IMX93RM).
Table 13. Operating ranges
Parameter Description
Symbol
Min
Typ
Max[1]
Unit
Comment
Power supply for SoC
logic and Arm core
VDD_SOC
0.85
0.90
0.95
V
Power supply for SoC,
overdrive mode
0.80
0.85
0.90
V
Power supply for SoC,
nominal mode
0.76
0.80
0.84
V
Power supply for SoC, low
drive mode
0.61
0.65
0.70
V
Power supply for SoC,
suspend mode
Digital supply for PLLs,
temperature sensor,
LVCMOS I/O, MIPI,
and USB PHYs
VDD_ANA_0P8
0.76
0.80
0.84
V
—
VDD_MIPI_0P8
VDD_USB_0P8
1.8 V supply
for PLLs, eFuse,
Temperature sensor,
LVCMOS voltage
detect reference, ADC,
24 MHz XTAL, LVDS,
MIPI, and USB PHYs
VDD_ANAx_1P8
1.71
1.80
1.89
V
[2]
VDD_LVDS_1P8
VDD_MIPI_1P8
VDD_USB_1P8
3.3 V supply for
USB PHY
VDD_USB_3P3
3.069
3.30
3.45
V
—
Voltage supply for
DRAM PHY
VDD2_DDR
1.06
1.10
1.14
V
—
Voltage supply for
DRAM PHY I/O
VDDQ_DDR
1.06
1.10
1.14
V
LPDDR4
0.57
0.60
0.67
V
LPDDR4X
I/O supply and I/O pre-
driver supply for GPIO
in BBSM bank
NVCC_BBSM_1P8
1.62
1.80
1.98
V
—
Power supply for GPIO
when it is in 1.8 V mode
NVCC_AON
NVCC_SD2
NVCC_GPIO
NVCC_WAKEUP
1.62
1.80
1.98
V
—
Power supply for GPIO
when it is in 3.3 V mode
3.00
3.30
3.465
V
—
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
18 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com