Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 65 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 61Page - NXP Semiconductors IMX93CEC Datasheet HTML 62Page - NXP Semiconductors IMX93CEC Datasheet HTML 63Page - NXP Semiconductors IMX93CEC Datasheet HTML 64Page - NXP Semiconductors IMX93CEC Datasheet HTML 65Page - NXP Semiconductors IMX93CEC Datasheet HTML 66Page - NXP Semiconductors IMX93CEC Datasheet HTML 67Page - NXP Semiconductors IMX93CEC Datasheet HTML 68Page - NXP Semiconductors IMX93CEC Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 123 page
background image
Table 69. LPSPI Controller mode timing[1],[2]
Number
Symbol
Description
Min.
Max.
Units
Note
1
fSCK
Frequency of LPSPI clock[3]
—
30
MHz
[4]
—
60
MHz
[5]
2
tSCK
SCK period
2 x tperiph
—
ns
[6]
3
tLead
Enable lead time
1
—
tperiph
—
4
tLag
Enable lag time
1
—
tperiph
—
5
tWSCK
Clock (SCK) high or low time
tSCK / 2 - 3
tSCK / 2 + 3
ns
—
6
tSU
Data setup time (inputs)
8
—
ns
[7],[8]
7
tHI
Data hold time (inputs)
0
—
ns
[7]
8
tV
Data valid (after SCK edge)
—
2.5
ns
—
9
tHO
Data hold time (outputs)
-2.5
—
ns
—
[1] Input timing assumes an input signal slew rate of 3 ns (20%/80%).
[2] Output timing valid for maximum external load CL = 25 pF, which is assumed to be a 10 pF load at the end of a 50 ohm. Unterminated, 5-inch microstrip trace
on standard FR4 (3.3 pF/inch), (25 pF total with margin). For best signal integrity, the series resistance in the transmission line should be equal to the selected
RDSON of the I/O pad output driver.
[3] The maximum frequency supported is 56 MHz when NVCC_xxxx operating at 3.3 V.
[4] The clock driver in the LPSPI module for fperiph must guaranteed this limit is not exceeded.
[5] In Controller loopback mode when LPSPI_CFGR1[SAMPLE] bit is 1.
[6] fperiph = Functional clock / (2 ^ PRESCALE) and tperiph = 1 / fperiph
[7] If LPSPI_CFGR1[SAMPLE] bit is 1, the data setup time (inputs) / data hold time (inputs) specifications are same with the one in Peripheral mode.
[8] For 3.3 V I/O supply, tSU (Data setup time) parameter value is 9 ns in LPSPI Controller mode.
(OUTPUT)
MSB IN2
LSB IN
MSB OUT2
LSB OUT
(CPOL=0)
SCK
SCK
(CPOL=1)
2. LSBF = 0. For LSBF = 1, bit order is LSB, bit 1, ..., bit 6, MSB.
1. If configured as an output.
PCS1
(OUTPUT)
(OUTPUT)
SOUT
(OUTPUT)
SIN
(INPUT)
BIT 6 . . . 1
BIT 6 . . . 1
tLead
tSCK
tLag
tW SCK
tW SCK
tSU
tHI
tV
tHO
tRI/FI
tRI/FI
tRO/FO
tRO/FO
Figure 35. LPSPI Controller mode timing (CPHA = 0)
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
65 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com