Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 79 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 75Page - NXP Semiconductors IMX93CEC Datasheet HTML 76Page - NXP Semiconductors IMX93CEC Datasheet HTML 77Page - NXP Semiconductors IMX93CEC Datasheet HTML 78Page - NXP Semiconductors IMX93CEC Datasheet HTML 79Page - NXP Semiconductors IMX93CEC Datasheet HTML 80Page - NXP Semiconductors IMX93CEC Datasheet HTML 81Page - NXP Semiconductors IMX93CEC Datasheet HTML 82Page - NXP Semiconductors IMX93CEC Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 123 page
background image
4.12.12.1 Pad/Package/Board connections
The USBx_VBUS pin cannot directly connect to the 5 V VBUS voltage on the USB2.0 link.
Each USBx_VBUS pin must be isolated by an external 30 KΩ 1% precision resistor.
The USB 2.0 PHY uses USBx_TXRTUNE and an external resistor to calibrate the USBx_DP/DN 45 Ω source impedance. The
external resistor value is 200 Ω 1% precision on each of USBx_TXRTUNE pad to ground.
5 Boot mode configuration
This section provides information on boot mode configuration pins allocation and boot devices interfaces allocation.
i.MX 93 supports three different boot modes:
• Normal Boot Mode
• Boot from Internal Fuse Mode
• Serial Download Boot Mode
Three different boot modes can be either selected via different boot mode pins or overridden by fuses.
i.MX 93 has two kinds of boot type:
• Single Boot: Cortex®-A55 core is in charge of loading all containers and images, while Cortex®-M33 core is doing nothing
except waiting Cortex®-M33 firmware is loaded and available during boot.
• Low Power Boot (LPB): only Cortex®-M33 core is running after POR. Cortex®-A55 core cannot be triggered by Cortex®-
M33 firmware.
For detailed boot mode configuration, see the "Fuse Map" and the "System Boot" chapter in
i.MX 93 Reference
Manual (IMX93RM).
5.1 Boot mode configuration pins
There are four boot mode pins used to select boot mode.
Table 93. Fuses and associated pins used for boot
BOOT_MODE[3:0]
Function
x000
Boot from Internal Fuses
0001
Serial Download (USB1)
0010
uSDHC1 8-bit eMMC 5.1
0011
uSDHC2 4-bit SD 3.0
0100
FlexSPI Serial NOR
0101
FlexSPI Serial NAND 2K
0110
Reserved
0111
Reserved
1000
LPB: Boot from Internal Fuses
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
79 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com