Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 29 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 25Page - NXP Semiconductors IMX93CEC Datasheet HTML 26Page - NXP Semiconductors IMX93CEC Datasheet HTML 27Page - NXP Semiconductors IMX93CEC Datasheet HTML 28Page - NXP Semiconductors IMX93CEC Datasheet HTML 29Page - NXP Semiconductors IMX93CEC Datasheet HTML 30Page - NXP Semiconductors IMX93CEC Datasheet HTML 31Page - NXP Semiconductors IMX93CEC Datasheet HTML 32Page - NXP Semiconductors IMX93CEC Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 123 page
background image
Table 27 shows the Low Voltage Differential Signaling (LVDS) DC parameters.
Table 27. LVDS DC Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output
Differential Voltage
VOD
Rload = 100 Ω between Pad P and
Pad N
250
350
450
mV
Output High Voltage
VOH
Rload = 100 Ω between Pad P and
Pad N
1.25
—
1.6
V
Output Low Voltage
VOL
Rload = 100 Ω between Pad P and
Pad N
0.9
—
1.25
V
Offset common
mode Voltage
VCM
—
1.125
1.2
1.375
V
Tri-state I/O
supply current
Icc-ovdd
VIN=OVDD[1] or 0
0.016
1700
nA
Tri-state core
supply current
Icc-vddi
VIN=VDDI or 0
—
1500
Power Supply current
Icc
VIN=OVDD or 0
Rload=100 Ω
—
5
mA
[1] OVDD is the I/O supply voltage.
4.6 I/O AC parameters
This section includes the AC parameters of the following I/O types:
• General Purpose I/O (GPIO)
• LVDS I/O
The GPIO load circuit and output transition time waveforms are shown in Figure 5 and Figure 6.
Test Point
From Output
Under Test
CL
CL includes package, probe and fixture capacitance
Figure 5. Load circuit for output
0V
OVDD
20%
80%
80%
20%
tr
tf
Output (at pad)
Figure 6. Output transition time waveform
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
29 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com